Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-PFD310 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ET-PFD310
Description  Frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-PFD310 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ET-PFD310 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S P E C
F I L E
ET-PFD310
Frame
As of April 2013
SFD10A009-1
1 / 1
596 ( 23-15/32)
610 ( 24-1/32)
Specifications
Dimensions (W × H × D):
596 × 322.5 × 656 mm
(23-15/32 × 12-11/16 × 25-13/16 inches)
Weight*:
Approximately 8.7 kg (19.2 lbs)
Applicable projector:
PT-DZ13K/DS12K/DW11K/DZ10K/DZ8700/DS8500/
DW8300/DZ110X/DS100X/DW90X
Illustration shows the frame attached to a projector.
Parts
Frame (already assembled) . . . . . . . . . . . . . . . . . 1
Washer-fitted hexagonal bolts (M6 × 16)
. . . . . . 5
Spring washers (M10) . . . . . . . . . . . . . . . . . . . . . 8
Hex bolts (M10 × 110)
. . . . . . . . . . . . . . . . . . . . 4
Washers (M10)
. . . . . . . . . . . . . . . . . . . . . . . . . 16
Hexagonal nuts (M6) . . . . . . . . . . . . . . . . . . . . . . 8
Adjustment nuts (M10)
. . . . . . . . . . . . . . . . . . . . 4
* Average value. May differ depending on the actual unit.
unit : mm (inch)
NOTE: This illustration is not drawn to scale.
Dimensions
Description
This frame is designed especially for use on the Panasonic’s applicable projector. The frame can also be used for a
dual stack configuration in which two projectors are used together.
C a u t i o n :
•
Mounting should be done by a qualified technician.
•
Make sure that the mounting (ceiling) area has sufficient strength.
•
Read the enclosed mounting instructions thoroughly before starting.
•
Do not use an electric screwdriver or impact driver to tighten screws. Use a torque driver or hexagon torque
wrench and tighten screws to the torque specified in the instructions.
•
When the product is no longer going to be used, have it disposed of quickly by a professional disposal service.
Weights and dimensions shown are approximate. Specifications subject to change without notice.


Similar Part No. - ET-PFD310

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-PFD510 PANASONIC-ET-PFD510 Datasheet
314Kb / 1P
Mounting should be done by a qualified technician.
More results

Similar Description - ET-PFD310

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
logo
DISCO Corporation
MDTFR125-01 DISCO-MDTFR125-01 Datasheet
164Kb / 1P
Frame
MDTFR125-02 DISCO-MDTFR125-02 Datasheet
164Kb / 1P
Frame
MDTFR150-03 DISCO-MDTFR150-03 Datasheet
163Kb / 1P
Frame
MDTFR200-04 DISCO-MDTFR200-04 Datasheet
160Kb / 1P
Frame
MDTFR300-05 DISCO-MDTFR300-05 Datasheet
165Kb / 1P
Frame
MDTFR300-06 DISCO-MDTFR300-06 Datasheet
165Kb / 1P
Frame
MDTFS215-01 DISCO-MDTFS215-01 Datasheet
152Kb / 1P
Frame
MDTFS250-02 DISCO-MDTFS250-02 Datasheet
146Kb / 1P
Frame
logo
HARTING Technology Grou...
09-00-006-5605 HARTING-09-00-006-5605 Datasheet
524Kb / 2P
grip frame Han 6B hinged frame
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com