Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E522.01 Datasheet(PDF) 21 Page - ELMOS Semiconductor AG

Part # E522.01
Description  Wide input voltage range 4.5V to 40V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.01 Datasheet(HTML) 21 Page - ELMOS Semiconductor AG

Back Button E522.01 Datasheet HTML 17Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 18Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 19Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 20Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 21Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 22Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 23Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 24Page - ELMOS Semiconductor AG E522.01 Datasheet HTML 25Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
Elmos Semiconductor AG
Data Sheet
QM-No.: 25DS0064E.03
PRODUCTION DATA - AUG 13, 2015
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
LOW QUIESCENT CURRENT STEP DOWN CONVERTER FAMILY
11.3 Package Marking for QFN and TSSOP Packages ( Top Side )
Figure 10: Package power dissipation E522.07-09
70
80
90
100
110
120
130
140
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
1,2
E522.07/08/09 max. Package Power Dissipation
Device Power vs Ambient Temperature
max Pow er
QFN20L4
Ambient Temperature [°C]
ÿ Elmos (Letter)
ÿ 52201
ÿ XXXSL
ÿ YWWR@
Signature
Explanation
52201
Elmos project number
A
Elmos project revision code
XXX
Production lot number
S
Assembler code
YWW
Year and week of assembly
R
Mask revision code
@
Elmos internal code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com