Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E981.07 Datasheet(PDF) 21 Page - ELMOS Semiconductor AG

Part # E981.07
Description  Two independent operating channels
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.07 Datasheet(HTML) 21 Page - ELMOS Semiconductor AG

Back Button E981.07 Datasheet HTML 17Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 18Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 19Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 20Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 21Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 22Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 23Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 24Page - ELMOS Semiconductor AG E981.07 Datasheet HTML 25Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
E981.07
Two Channel Sensor Interface PSI5
ADVANCE PRODUCT INFORMATION JUL 26, 2011
5.1.5 Current Limitation
The circuit provides an over current protection of the RSU interfaces. When the current measured by the current
comparator exceeds typically 100 mA, the error flag HE is set and the voltage will be turned off after a delay
Tsat_oc_del_xx. To allow “in-rush” current when the channel is turned ON the error condition is masked for
Tsat_oc_sdel_xx. During this delay, the HE-bit is not set. (xx refers to supply mode: “standard” or “increased”: refer to
§4.2.1-1a,1b, 2a, 2b)
5.1.6 Over Voltage Protection
The RSU interfaces are voltage protected against 40V. When the output voltage increases to 0.5V above the
nominal voltage, a pull down current is activated ( see 4. 1.12.3) . When the current reaches the specified limit
the error flag OE is set and the voltage will be turned off after a delay Tsat_oc_odel_ls. If a short to V+ occurs prior to
the channel activation the error condition is masked for a delay Tsat_oc_sdel_xx). During this delay the OE bit is not
set. (xx refers to supply-mode: “standard” or “increased”: refer to §4.2.1, 1a, .1b, 3)
5.1.7 Synchronous Parallel Bus Mode (PSI5-P10P-500/3L)
In parallel bus mode application, the sensors are connected in parallel to the bus line like shown in Figure 5.1-4.
It is possible to connect up to three sensor to each channel of the 981.07. The sync cycle time is 500μs with a
data transmission rate of 125kbit/s. The synchronisation pulse for the satellite channel feeds SATFD1-SATFD2
can be activated by MCU via the SAT_SYNC pin of the device. When a rising edge is detected, the 981.07
outputs sync pulses on channels SATFD1-SATFD2 in sequence to reduce the average current inrush to the
satellites as shown in Figure 5.1-5. The satellites can transmit from one to three messages per sync pulse
received. The Figure 5.1-6 shows the timing for one channel.
Figure 5.1-4 Synchronous Parallel Bus Mode Configuration (PSI5-P10P-500/3L)
In order to avoid EMC problems, the synchronisations pulses of the satellites will not be performed at the same
time, but consecutively like it is shown in the figure below.
ELMOS Semiconductor AG
Data Sheet 21 / 45
QM-No.: 25DS0050E.00
This document contains information on a new product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
V
SAT_OUT_OP
t
GND
S2
S1
S3
MCU
981.07
SPI
V
SAT_OUT_X
S3
V
SAT_OUT_SYNC
V
SAT_OUT_X
T
SYNC
S1
S2
SAT_SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com