Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E981.08 Datasheet(PDF) 13 Page - ELMOS Semiconductor AG

Part # E981.08
Description  Four independent operating channels
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E981.08 Datasheet(HTML) 13 Page - ELMOS Semiconductor AG

Back Button E981.08 Datasheet HTML 9Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 10Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 11Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 12Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 13Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 14Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 15Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 16Page - ELMOS Semiconductor AG E981.08 Datasheet HTML 17Page - ELMOS Semiconductor AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
E981.08
Four Channel Sensor Interface PSI5
ADVANCE PRODUCT INFORMATION - JUL 26, 2011
4.1.8 Power On Reset
The power-on-reset is only related to V3_3.
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
Reset threshold high
VPOR_R
V3_3 rising
①
2.85
V
2
Reset threshold low
VPOR_F
V3_3 falling
①
2.6
V
3
Hysteresis
VPOR_HYST
0.1
V
① VPOR_F/R is defined for VBUS/VSYNC down to 0V. VCC=V3_3 (in V5 and 3.3V supply mode)
4.1.9 External Reset
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
Input threshold LOW
RESETB
VTHRESETB_L
0.8
-
-
V
2
Input threshold HIGH
RESETB
VTHRESETB_H
-
-
2.0
V
3
Pull-down-current
RESETB
Ipd
10
-
50
μA
4.1.10 Trigger Signal for Sync Pulse
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
Input threshold LOW
SAT_SYNC
VTHSYNC_L
0.8
-
-
V
2
Input threshold HIGH
SAT_SYNC
VTHSYNC_H
-
-
2.0
V
3
Pull-down-current
SAT_SYNC
Ipd
10
-
50
μA
4.1.11 REXT Check
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
Resistor at Pin
REXT too low
REXT
①
1
kΩ
2
Resistor at Pin
REXT too high
REXT
①
30
kΩ
①Hardware error bit will be set if REXT is lower 1kOhm or larger 30kOhm, the interfaces will be switched off
ELMOS Semiconductor AG
Data Sheet 13 / 46
QM-No.: 25DS0051E.00
This document contains information on a new product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com