Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPS-63 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPS-63
Description  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPS-63 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPS-63 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPS-63 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPS-63
Crystal Clock Oscillator Specification
ISSUE 4; April 2016
Outline (mm)
Test Circuit
Description
High frequency 3.3V surface mount oscillator in a ceramic
package, with a hermetically sealed metal lid and LVDS
outputs
Frequency Parameters
Frequency
12.0MHz to 800.0MHz
Frequency Stability
±25.00ppm to ±100.00ppm
Electrical Parameters
3.3V ±5%
Supply Voltage
Operating Temperature Ranges
-10 to 70°C
-40 to 85°C
Output Details
Output Compatability
LVDS
Drive Capability
100Ω
Differential Output Voltage (VOD): 0.33V typ
Offset Voltage (Vos): 1.25V typ
Output Control
Enable/Disable Operation:
Logic ‘0’ to pad 2 (<1.7V) enables oscillator outputs
Logic ‘1’ to pad 2 (>2.2V) disables oscillator outputs; when
disabled the oscillator outputs go to the high impedance state
No connection to pad 2 enables oscillator outputs
Noise Parameters
Phase Jitter(12kHz to 20MHz): 5ps rms max
Phase Noise (max): -110dBc/Hz @ 10kHz
Environmental Parameters
Storage Temperature Range: -40 to 85°C
Shock: MIL-STD-202F, Method 213B: 1000G, 0.5ms 1/2 sine
wave
Vibration: MIL-STD-202F, Method 204D, Test Condition D:
20G (10Hz-2000Hz), 4hrs in 3 mutually perpendicular planes
(total 12hrs)
Ordering Information
Frequency*
Model*
Output
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example:
100.0MHz CFPS-63
LVDS ±100ppm -10 to 70C 3.3V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 27 Apr 16 10:32 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPS-63

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-60 IQD-CFPS-60 Datasheet
794Kb / 2P
Crystal Clock Oscillator Specification
CFPS-61 IQD-CFPS-61 Datasheet
795Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
logo
List of Unclassifed Man...
CFPS-67 ETC2-CFPS-67 Datasheet
68Kb / 2P
Tri-state CMOS
logo
IQD Frequency Products ...
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-63

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-104 IQD-CFPS-104 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com