Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BPHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BPHPR
Description  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BPHPR Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8020BPHPR Datasheet HTML 1Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 2Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Personal
Computer
USB 3.0
HDD
USB 3.0
Hub
USB 2.0 Connection
USB 3.0 Connection
USB 3.0 Hub
USB 3.0 Device
USB 2.0 Device
USB 1.x Device
USB 1.x Connection
USB 3.0
HDD
USB 2.0
Bluray
USB 2.0
Hub
USB 2.0
Webcam
USB 1.1
Mouse
USB 2.0
HDD
TUSB8020B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB8020B
SLLSEF6A – JULY 2014 – REVISED JULY 2014
TUSB8020B Two-Port USB 3.0 Hub
1 Features
3 Description
The TUSB8020B is a two-port USB 3.0 compliant
1
•
Two-Port USB 3.0 Compliant Hub, USBIF
hub. It provides simultaneous SuperSpeed USB and
TID#330000057
high-speed/full-speed connections on the upstream
•
USB 2.0 Hub Features
port and provides SuperSpeed USB, high-speed, full-
–
Multi-Transaction Translator (MTT) Hub: Two
speed, or low-speed connections on the downstream
ports. When the upstream port is connected to an
Transaction Translators
electrical environment that only supports high-speed
–
Four Asynchronous Endpoint Buffers Per
or full-speed/low-speed connections, SuperSpeed
Transaction Translator
USB connectivity is disabled on the downstream
•
Supports Battery Charging
ports. When the upstream port is connected to an
electrical
environment
that
only
supports
full-
–
CDP Mode (Upstream Port Connected)
speed/low-speed connections, SuperSpeed USB and
–
DCP Mode (Upstream Port Unconnected)
high-speed
connectivity
are
disabled
on
the
–
DCP Mode Complies With Chinese
downstream ports.
Telecommunications Industry Standard YD/T
The TUSB8020B supports per port or ganged power
1591-2009
switching and overcurrent protection.
•
Support D+/D– Divider Mode
An individually port power controlled hub switches
•
Supports Operation as a USB 3.0 or USB 2.0
power on or off to each downstream port as
Compound Device
requested by the USB host. Also when an individually
•
Per Port or Ganged Power Switching and
port power controlled hub senses an overcurrent
Overcurrent Notification Inputs
event, only power to the affected downstream port
will be switched off.
•
OTP ROM, Serial EEPRO,M or I2C/SMBus Slave
Interface for Custom Configurations:
A
ganged
hub
switches
on
power
to
all
its
–
VID and PID
downstream ports when power is required to be on
for any port. The power to the downstream ports is
–
Port Customizations
not switched off unless all ports are in a state that
–
Manufacturer and Product Strings (not by OTP
allows power to be removed. Also when a ganged
ROM)
hub senses an overcurrent event, power to all
downstream ports will be switched off.
–
Serial Number (not by OTP ROM)
•
Application Feature Selection Using Terminal
Device Information(1)
Selection or EEPROM/ or I2C/SMBus Slave
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Interface
TUSB8020B
HTQFP (48)
7.00 mm × 7.00 mm
•
Provides 128-Bit Universally Unique Identifier
(1) For all available packages, see the orderable addendum at
(UUID)
the end of the data sheet.
•
Supports On-Board and In-System OTP/EEPROM
Programming Through the USB 2.0 Upstream
Port
•
Single Clock Input, 24-MHz Crystal or Oscillator
•
No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
•
48-Pin HTQFP Package (PHP)
2 Applications
•
Computer Systems
•
Docking Stations
•
Monitors
•
Set-Top Boxes
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB8020BPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020BPHPR TI-TUSB8020BPHPR Datasheet
1Mb / 44P
TUSB8020B Two-Port USB 3.0 Hub
JUNE 2017
TUSB8020BPHPRG4 TI-TUSB8020BPHPRG4 Datasheet
1Mb / 44P
TUSB8020B Two-Port USB 3.0 Hub
JUNE 2017
More results

Similar Description - TUSB8020BPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI TI1-TUSB4020BI_16 Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
Automotive Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com