Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8040PFP
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFP Datasheet(HTML) 5 Page - Texas Instruments

  TUSB8040PFP Datasheet HTML 1Page - Texas Instruments TUSB8040PFP Datasheet HTML 2Page - Texas Instruments TUSB8040PFP Datasheet HTML 3Page - Texas Instruments TUSB8040PFP Datasheet HTML 4Page - Texas Instruments TUSB8040PFP Datasheet HTML 5Page - Texas Instruments TUSB8040PFP Datasheet HTML 6Page - Texas Instruments TUSB8040PFP Datasheet HTML 7Page - Texas Instruments TUSB8040PFP Datasheet HTML 8Page - Texas Instruments TUSB8040PFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
USB 3.0 Four Port Hub
Check for Samples: TUSB8040
1
PRODUCT OVERVIEW
1.1
Features
1
• USB 3.0 Compliant Four Port Hub, TID# 330000003
– Upstream Port Supports SuperSpeed, High-Speed and Full-Speed Connections
– Each of the Four Downstream Ports Support SuperSpeed, High-Speed, Full-Speed/Low-Speed
Connections
• USB 2.0 Hub Features
– Multi Transaction Translator (MTT) Hub: Four Transaction Translators, One Per Port
– Four (Over USB Required Minimum of Two) Asynchronous Endpoint Buffers Per Transaction
Translator for Better Throughput
• Supports Charging Downstream Port (CDP) Applications
– Battery Charging 1.2 Compliant
• Supports Operation as a USB 3.0 or USB 2.0 Compound Device
• Supports Per Port or Ganged Power Switching and Over-Current Protection
• Provides the following status outputs:
– High-Speed Upstream Connection
– High-Speed Upstream Port Suspended
– SuperSpeed Upstream Connection
– SuperSpeed Upstream Port Suspended
• Optional Serial EEPROM or SMBus Slave Interface for Custom Configurations:
– VID/PID
– Manufacturer and Product Strings
– Serial Number
• Using Pin Selection or the EEPROM/SMBus Slave Interface, Each Downstream Port Can Be
Independently:
– Enabled or Disabled
– Marked as Removable or Permanently Attached (for Compound Applications)
– Have Battery Charging Enabled or Disabled
• Provides 128-Bit Universally Unique Identifier (UUID)
• Optionally Supports USB 2.0 Compliant Port Indicator LEDs
• Configurable SMBus Address to Support Multiple Devices on the Same SMBus Segment
• Supports On-Board and In-System EEPROM Programming Via the USB 2.0 Upstream Port
• Single Clock Input, 24-MHz Crystal or Oscillator
• No Special Driver Requirements; Works Seamlessly With Any Operating System With USB Stack
Support
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2010–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com