Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040PFPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB8040PFPR
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB8040PFPR Datasheet HTML 17Page - Texas Instruments TUSB8040PFPR Datasheet HTML 18Page - Texas Instruments TUSB8040PFPR Datasheet HTML 19Page - Texas Instruments TUSB8040PFPR Datasheet HTML 20Page - Texas Instruments TUSB8040PFPR Datasheet HTML 21Page - Texas Instruments TUSB8040PFPR Datasheet HTML 22Page - Texas Instruments TUSB8040PFPR Datasheet HTML 23Page - Texas Instruments TUSB8040PFPR Datasheet HTML 24Page - Texas Instruments TUSB8040PFPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Y1
24MHZ
R1
1M
CL1
18pF
CL2
18pF
TUSB8040 - CLOCK
XO
74
VSS_OSC
75
XI
76
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
4
CLOCK GENERATION
The TUSB8040 accepts a crystal input to drive an internal oscillator or an external clock source. If a clock
is provided to XI instead of a crystal, XO is left open and VSSOSC should be connected to the PCB
ground plane. Otherwise, if a crystal is used, the connection needs to follow the guidelines below. Since XI
and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short as
possible and away from any switching leads. It is also recommended to minimize the capacitance between
XI and XO. This can be accomplished by connecting the VSSOSC lead to the two external capacitors CL1
and CL2 and shielding them with the clean ground lines. The VSSOSC should not be connected to PCB
ground when using a crystal.
Figure 4-1. TUSB8040 Clock
4.1
Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12 pF - 24 pF and frequency stability
rating of ±100 PPM or better. To ensure proper startup oscillation condition, a maximum crystal equivalent
se-ries resistance (ESR) of 50
Ω is recommended. A parallel, 18-pF load capacitor should be used if a
crystal source is used. VSSOSC should not be connected to the PCB ground plane.
4.2
Input Clock Requirements
When using an external clock source such as an oscillator, the reference clock should have a ±100 PPM
or better frequency stability and have less than 50-ps absolute peak to peak jitter or less than 25-ps peak
to peak jitter after applying the USB 3.0 jitter transfer function. XI should be tied to the 1.8-V clock source
and XO should be left floating. VSSOSC should be connected to the PCB ground plane.
Copyright © 2010–2013, Texas Instruments Incorporated
CLOCK GENERATION
21
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com