Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2T45 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2T45
Description  DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2T45 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC2T45 Datasheet HTML 1Page - Texas Instruments SN74LVC2T45 Datasheet HTML 2Page - Texas Instruments SN74LVC2T45 Datasheet HTML 3Page - Texas Instruments SN74LVC2T45 Datasheet HTML 4Page - Texas Instruments SN74LVC2T45 Datasheet HTML 5Page - Texas Instruments SN74LVC2T45 Datasheet HTML 6Page - Texas Instruments SN74LVC2T45 Datasheet HTML 7Page - Texas Instruments SN74LVC2T45 Datasheet HTML 8Page - Texas Instruments SN74LVC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN74LVC2T45
DUALBIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES516E − DECEMBER 2003 − REVISED MAY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Notes 4 through 6)
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.65
5.5
V
VCCB
Supply voltage
1.65
5.5
V
1.65 V to 1.95 V
VCCI × 0.65
VIH
High-level input
Data inputs
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
Data inputs
(see Note 7)
3 V to 3.6 V
2
V
voltage
(see Note 7)
4.5 V to 5.5 V
VCCI × 0.7
1.65 V to 1.95 V
VCCI × 0.35
VIL
Low-level input
Data inputs
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
Data inputs
(see Note 7)
3 V to 3.6 V
0.8
V
voltage
(see Note 7)
4.5 V to 5.5 V
VCCI × 0.3
DIR
1.65 V to 1.95 V
VCCA × 0.65
VIH
High-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
1.7
V
VIH
High-level input
voltage
(Referenced to VCCA)
(see Note 8)
3 V to 3.6 V
2
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCA × 0.7
DIR
1.65 V to 1.95 V
VCCA × 0.35
VIL
Low-level input
DIR
(Referenced to VCCA)
2.3 V to 2.7 V
0.7
V
VIL
Low-level input
voltage
(Referenced to VCCA)
(see Note 8)
3 V to 3.6 V
0.8
V
voltage
(see Note 8)
4.5 V to 5.5 V
VCCA × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCCO
V
1.65 V to 1.95 V
−4
IOH
High-level output current
2.3 V to 2.7 V
−8
mA
IOH
High-level output current
3 V to 3.6 V
−24
mA
4.5 V to 5.5 V
−32
1.65 V to 1.95 V
4
IOL
Low-level output current
2.3 V to 2.7 V
8
mA
IOL
Low-level output current
3 V to 3.6 V
24
mA
4.5 V to 5.5 V
32
1.65 V to 1.95 V
20
Input transition rise or
Data inputs
2.3 V to 2.7 V
20
∆t/∆v
Input transition rise or
fall rate
Data inputs
3 V to 3.6 V
10
ns/V
t/ v
fall rate
4.5 V to 5.5 V
5
ns/V
Control input
1.65 V to 5.5 V
5
TA
Operating free-air temperature
−40
85
°C
NOTES:
4. VCCI is the VCC associated with the data input port.
5. VCCO is the VCC associated with the output port.
6. All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
7. For VCCI values not specified in the data sheet, VIH(min) = VCCI x 0.7 V, VIL(max) = VCCI x 0.3 V.
8. For VCCI values not specified in the data sheet, VIH(min) = VCCA x 0.7 V, VIL(max) = VCCA x 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com