Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVP7002PZP Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TVP7002PZP
Description  TRIPLE 8-/10-BIT 165-/110-MSPS VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TVP7002PZP Datasheet(HTML) 34 Page - Texas Instruments

Back Button TVP7002PZP Datasheet HTML 30Page - Texas Instruments TVP7002PZP Datasheet HTML 31Page - Texas Instruments TVP7002PZP Datasheet HTML 32Page - Texas Instruments TVP7002PZP Datasheet HTML 33Page - Texas Instruments TVP7002PZP Datasheet HTML 34Page - Texas Instruments TVP7002PZP Datasheet HTML 35Page - Texas Instruments TVP7002PZP Datasheet HTML 36Page - Texas Instruments TVP7002PZP Datasheet HTML 37Page - Texas Instruments TVP7002PZP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
TVP7002
SLES206C – MAY 2007 – REVISED APRIL 2013
www.ti.com
Output Formatter
Subaddress
15h
Default (04h)
7
6
5
4
3
2
1
0
Reserved
Output code range [1:0]
Reserved
Clamp REF
CbCr order
422/444
Sync En
Reserved [7]:
0 = Required (default)
Output code range [1:0]:
00 = RGB coding range (Y, Cb, and Cr range from 0 to 1023) (default)
01 = Extended coding range (Y, Cb, and Cr range from 4 to 1019)
10 = ITU-R BT.601 coding range (Y ranges from 64 to 940, Cb and Cr range from 64 to 960)
11 = Reserved
Reserved [4]:
0 = Required (default)
Clamp REF: Selects which edge of HSYNC is used as the timing reference for the fine clamp pulse placement and also the ALC
placement.
0 = Clamp pulse placement referred to the trailing edge of HSYNC (default)
1 = Clamp pulse placement referred to the leading edge of HSYNC
CbCr order: This bit is only effective in the 4:2:2 output mode (i.e., bit 1 is set to 1).
0 = CbCr order
1 = CrCb order (default)
422/444: Active-high 4:4:4 to 4:2:2 decimation filter enable
0 = 30-bit 4:4:4 output format (default)
1 = 20-bit 4:2:2 output format
Notes:
1. Multiplexed CbCr data is output on BOUT [9:0] in the 20-bit 4:2:2 output format.
2. 10-bit 4:2:2 output format is not supported.
Sync En: Active-high embedded sync enable
0 = Embedded sync disabled (default)
1 = Embedded sync enabled
Notes:
1. Embedded syncs are not supported when the RGB coding range (0 to 1023) is selected.
2. Embedded syncs are not supported when the 30-bit 4:4:4 output format is selected.
3. Discrete syncs are always enabled except when outputs are placed in the high-impedance mode.
4. When enabled, embedded syncs are present in both the Y and C outputs.
MISC Control 1
Subaddress
16h
Default (11h)
7
6
5
4
3
2
1
0
Reserved
CbCr Align
Reserved
PLL PD
STRTB
CbCr Align: CbCr alignment
0 = Alternative operation
1 = Normal operation (default)
PLL PD: Active-high H-PLL power down
0 = Normal operation (default)
1 = H-PLL powered down
STRTB: Active-high H-PLL start-up circuit enable
0 = H-PLL start-up circuit disabled
1 = H-PLL start-up circuit enabled (default)
34
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: TVP7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com