Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM12L458 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12L458
Description  12-Bit Sign Data Acquisition System with Self-Calibration
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12L458 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM12L458 Datasheet HTML 17Page - National Semiconductor (TI) LM12L458 Datasheet HTML 18Page - National Semiconductor (TI) LM12L458 Datasheet HTML 19Page - National Semiconductor (TI) LM12L458 Datasheet HTML 20Page - National Semiconductor (TI) LM12L458 Datasheet HTML 21Page - National Semiconductor (TI) LM12L458 Datasheet HTML 22Page - National Semiconductor (TI) LM12L458 Datasheet HTML 23Page - National Semiconductor (TI) LM12L458 Datasheet HTML 24Page - National Semiconductor (TI) LM12L458 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
2.0 Internal User-Programmable Registers (Continued)
Bits 12–15 are used to store the user-programmable acqui-
sition time. The Sequencer keeps the internal S/H in the ac-
quisition mode for a fixed number of clock cycles (nine clock
cycles, for 12-bit + sign conversions and two clock cycles for
8-bit + sign conversions or “watchdog” comparisons) plus a
variable number of clock cycles equal to twice the value
stored in Bits 12–15. Thus, the S/H’s acquisition time is (9 +
2D) clock cycles for 12-bit + sign conversions and (2 + 2D)
clock cycles for 8-bit + sign conversions or “watchdog” com-
parisons, where D is the value stored in Bits 12–15. The
minimum acquisition time compensates for the typical inter-
nal multiplexer series resistance of 2 k
Ω, and any additional
delay created by Bits 12–15 compensates for source resis-
tances greater than 80
Ω. (For this acquisition time discus-
sion, numbers in ( ) are shown for the LM12L458 operating
at 6 MHz. The necessary acquisition time is determined by
the source impedance at the multiplexer input. If the source
resistance (R
S) < 80Ω and the clock frequency is 6 MHz, the
value stored in bits 12–15 (D) can be 0000. If R
S > 80Ω, the
following equations determine the value that should be
stored in bits 12–15.
D = 0.45 x R
S xfCLK
for 12-bits + sign
D = 0.36 x R
S xfCLK
for 8-bits + sign and “watchdog”
R
S is in kΩ and fCLK is in MHz. Round the result to the next
higher integer value. If D is greater than 15, it is advisable to
lower the source impedance by using an analog buffer be-
tween the signal source and the LM12L458’s multiplexer in-
puts.
Instruction RAM “01”
The second Instruction RAM section is selected by placing a
“01” in Bits 8 and 9 of the Configuration register.
A4 A3 A2 A1 A0
Purpose
Type
D7
D6
D5
D4
D3
D2
D1
D0
000
Instruction RAM
(RAM Pointer = 00)
VIN−
VIN+
0
to
0
R/W
Pause
Loop
111
000
Watch-
dog
0
to
1
R/W
Acquisition Time
8/12
Timer
Sync
111
000
Instruction RAM
(RAM Pointer = 01)
0
to
0
R/W
Comparison Limit #1
111
000
0
to
1
R/W
Don’t Care
>/<
Sign
111
000
Instruction RAM
(RAM Pointer = 10)
0
to
0
R/W
Comparison Limit #2
111
000
0
to
1
R/W
Don’t Care
>/<
Sign
111
1
0000
Configuration
Register
R/W
I/O
Auto
Chan
Stand-
Full
Auto-
Reset
Start
Sel
Zeroec
Mask
by
Cal
Zero
1
0001
R/W
Don’t Care
DIAG
Test
=0
RAM Pointer
1
0010
Interrupt Enable
Register
R/W
INT7
Don’t
Care
INT5
INT4
INT3
INT2
INT1
INT0
1
0011
R/W
Number of Conversions in Conversion
Sequencer Address to
FIFO to Generate INT2
Generate INT1
1
0100
Interrupt Status
Register
R
INST7
“0”
INST5
INST4
INST3
INST2
INST1
INST0
1
0101
R
Actual Number of Conversions Results in Conversion
FIFO
Address of Sequencer
Instruction
being Executed
1
0110
Timer
Register
R/W
Timer Preset: Low Byte
1
0111
R/W
Timer Preset: High Byte
1
1000
Conversion
FIFO
R
Conversion Data: LSBs
1
1001
R
Address or Sign
Sign
Conversion Data: MSBs
1
1010
Limit Status
Register
R
Limit #1 Status
1
1011
R
Limit #2 Status
FIGURE 14. LM12L458 Memory Map for 8-Bit Wide Databus (BW = “1” and Test Bit = “0”)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com