Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJMP06 Datasheet(PDF) 3 Page - ZP Semiconductor

Part # CJMP06
Description  P-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJMP06 Datasheet(HTML) 3 Page - ZP Semiconductor

  CJMP06 Datasheet HTML 1Page - ZP Semiconductor CJMP06 Datasheet HTML 2Page - ZP Semiconductor CJMP06 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-0
-1
-2
-3
-0
-1
-2
-3
-4
-5
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-0.01
-0.1
-1
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
-0
-1
-2
-3
-4
-5
50
100
150
200
-0
-3
-6
-9
-12
-15
-18
80
100
120
140
160
180
0.2
0.3
0.4
0.5
0.6
1
0
5
10
15
20
0.1
1
10
Ta=25
oC
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
0.1
-4
Ta=25
oC
Pulsed
-0.3
-0.03
V
SD
I
S
——
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=-3.5V,-3V,-2.5V,-2.2V,-2V,-1.8V
V
GS=-1.6V
V
GS=-1.4V
V
GS=-1.2V
V
GS=-1.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Ta=25
oC
Pulsed
V
GS=-1.8V
V
GS=-2.5V
V
GS=-4.5V
DRAIN CURRENT I
D
(A)
Forward
Characteristics
I
D
R
DS(ON)
——
Ta=25
oC
Pulsed
I
D=-2.1A
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE V
GS
(V)
Ta=25
oC
Pulsed
FORWARD VOLTAGE V
F
(V)
Reverse
Characteristics
Ta=25
oC
Pulsed
REVERSE VOLTAGE V
R
(V)
3 of 3
sales@zpsemi.com
www.zpsemi.com
CJMP06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com