Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3H9 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS3H9
Description  High Voltage Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS3H9 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS3H9 Datasheet HTML 1Page - Vishay Siliconix SS3H9 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0.3
0.1
0.7
0.9
1.1
1.3
1.5
0.5
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous Forward
Characteristics
0.01
0.1
1
10
100
TJ = 150°C
TJ = 175°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
1
0.1
100
10
Reverse Voltage (V)
Fig. 5 – Typical Junction Capacitance
10
100
1000
1
0.1
0.01
10
t -- Pulse Duration (sec)
Fig. 6 – Typical Transient Thermal
Impedance
10
1
0.1
100
0
3.0
4.0
0
25
50
75
100
125
150
175
200
Fig. 1 – Forward Current
Derating Curve
Lead Temperature (°C)
2.0
1.0
0.5
1.5
2.5
3.5
1
10
100
20
10
40
60
80
100
Fig. 2 -- Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
TJ = TJ max.
8.3ms single half sine-wave
(JEDEC Method)
20
60
40
100
80
Fig. 4 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0.01
0.001
0.1
1
10
100
1000
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
SS3H9 and SS3H10
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88752
2
18-Aug-04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com