Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA23L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SSA23L
Description  High-Current Density Surface Mount Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA23L Datasheet(HTML) 2 Page - Vishay Siliconix

  SSA23L Datasheet HTML 1Page - Vishay Siliconix SSA23L Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSA23L and SSA24
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88882
2
02-Apr-04
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Fig. 5 - Typical Junction Capacitance
100
1,000
10
100
10
1
Reverse Voltage (V)
100
10
1
0.1
0.01
TJ = 25°C
TJ = 125°C
TJ = 150°C
Instantaneous Forward Voltage (V)
0
0.2
0.8
1.0
0.4
0.6
Fig. 3 - Typical Instantaneous
Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
TJ = 150°C
TJ = 25°C
20
0
0.001
0.01
0.1
1.0
10
100
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
0
1.0
1.5
2.0
2.5
0
25
50
75
100
125
150
Fig. 1 – Forward Current
Derating Curve
Lead Temperature (°C)
0.5
TJ = 125°C
Number of Cycles at 60 HZ
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
0
10
20
30
40
50
60
70
110
100
SSA23L
SSA24
SSA23L
SSA24
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVp-p
SSA23L
SSA24
SSA23L
SSA24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com