Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C552 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST16C552
Description  DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C552 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C552 Datasheet HTML 1Page - Exar Corporation ST16C552 Datasheet HTML 2Page - Exar Corporation ST16C552 Datasheet HTML 3Page - Exar Corporation ST16C552 Datasheet HTML 4Page - Exar Corporation ST16C552 Datasheet HTML 5Page - Exar Corporation ST16C552 Datasheet HTML 6Page - Exar Corporation ST16C552 Datasheet HTML 7Page - Exar Corporation ST16C552 Datasheet HTML 8Page - Exar Corporation ST16C552 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
ST16C552/552A
Rev. 3.40
SYMBOL DESCRIPTION
Symbol
Pin
Signal Type
Pin Description
trailing edge of -IOR (end of the external CPU read cycle).
-IOR
37
I
Read strobe.- A logic 0 transition on this pin will place the
contents of an Internal register defined by address bits A0-
A2 for either UART channels A/B or A0-A1 for the printer
port, onto D0-D7 data bus for a read cycle by an external
CPU.
-IOW
36
I
Write strobe.- A logic 0 transition on this pin will transfer the
data on the internal data bus (D0-D7), as defined by either
address bits A0-A2 for UART channels A/B or A0-A1 for the
printer port, into an internal register during a write cycle from
an external CPU.
PD7-PD0
46-53
I/O
Printer Data port (Bi-directional three state) - These pins are
the eight bit, three state data bus for transferring information
to or from an external device (usually a printer). D0 is the
least significant bit. PD7-PD0 are latched during a write
cycle (output mode).
PE
67
I
Paper Empty - General purpose input or line printer paper
empty (Internal pull-up). This pin can be connected to
provide a printer out of paper indication.
RDOUT
44
O
Read Out (active high) - This pin goes to a logic 1 when the
external CPU is reading data from the 552/552A. This signal
can be used to enable/disable external transceivers or other
logic functions.
-RESET
39
I
Master Reset (active low) - a logic 0 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C552/552A External Reset Conditions for
initialization details.)
-RXRDY A/B
9,61
O
Receive Ready A/B (active low). This function is associated
with the dual channel UARTs and provide the RX FIFO/
RHR status for individual receive channels (A-B). A logic 0
indicates there is receive data to read/unload, i.e., receive
ready status with one or more RX characters available in the
FIFO/RHR. This pin is a logic 1 when the FIFO/RHR is
empty or when the programmed trigger level has not been



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com