Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 134Page - STMicroelectronics ST7MC2 Datasheet HTML 135Page - STMicroelectronics ST7MC2 Datasheet HTML 136Page - STMicroelectronics ST7MC2 Datasheet HTML 137Page - STMicroelectronics ST7MC2 Datasheet HTML 138Page - STMicroelectronics ST7MC2 Datasheet HTML 139Page - STMicroelectronics ST7MC2 Datasheet HTML 140Page - STMicroelectronics ST7MC2 Datasheet HTML 141Page - STMicroelectronics ST7MC2 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 308 page
background image
ST7MC1/ST7MC2
138/308
MOTOR CONTROLLER (Cont’d)
Table 23. MTC Registers
10.6.2 Main Features
■ Two on-chip analog comparators, one for BEMF
zero-crossing detection, the other for current
regulation or limitation
■ Seven selectable reference voltages for the
hysteresis comparator (0.2 V, 0.6 V, 1 V, 1.5 V,
2 V, 2.5 V, 3.5 V) and the possibility to select an
external reference pin (MCVREF).
■ 8-bit timer (MTIM) with three compare registers
and two capture features, which may be used as
the Delay manager of a speed measurement
unit
■ Measurement
window generator for BEMF
zero-crossing detection
■ Filter option for the zero-crossing detection.
■ Auto-calibrated prescaler with 16 division steps
■ 8x8-bit multiplier
■ Phase input multiplexer
■ Sophisticated output management:
– The six output channels can be split into two
groups (high & low)
– The PWM signal can be multiplexed on high,
low or both groups, alternatively or simultane-
ously, for six-step motor drives
– 12-bit PWM generator with full modulation ca-
pability (0 and 100% duty cycle), edge or cent-
er-aligned patterns
– Dedicated interrupt for PWM duty cycles up-
dating and associated PWM repetition coun-
ter.
– Programmable deadtime insertion unit.
– Programmable High frequency Chopper in-
sertion and high current PWM outputs for di-
rect optocoupler drives.
– The output polarity is programmable channel
by channel.
– A programmable bit (active low) forces the
outputs in HiZ, Low or High state, depending
on option byte 1 (refer to “ST7FMC Device
Configuration And Ordering Information” sec-
tion).
– An “emergency stop” input pin (active low)
asynchronously forces the outputs in HiZ, Low
or High state, depending on option byte 1 (re-
fer to “ST7FMC Device Configuration And Or-
dering Information” section).
Register
Description
Register
page
(RPGS
bit)
Page
MTIM
Timer Counter Register
0
206
MTIML
Timer LSB (mode depend-
ent)
0
206
MZPRV
Capture Zn-1 Register
0
206
MZREG
Capture Zn Register
0
206
MCOMP Compare Cn+1 Register
0
206
MDREG
Demagnetization Reg.
0
206
MWGHT An Weight Register
0
207
MPRSR
Prescaler & Sampling Reg.
0
207
MIMR
Interrupt Mask Register
0
207
MISR
Interrupt Status Register
0
208
MCRA
Control Register A
0
209
MCRB
Control Register B
0
211
MCRC
Control Register C
0
212
MPHST
Phase State Register
0
213
MDFR
D Event Filter Register
0
215
MCFR
Current Feedback Filter
Register
0
214
MREF
Reference register
0
216
MPCR
PWM Control Register
0
217
MREP
Repetition Counter Reg.
0
218
MCPWH Compare W Register High
0
218
MCPWL
Compare W Register Low
0
218
MCPVH
Compare V Register High
0
218
MCPVL
Compare V Register Low
0
218
MCPUH
Compare U Register High
0
219
MCPUL
Compare U Register Low
0
219
MCP0H
Compare 0 Register High
0
219
MCP0L
Compare 0 Register Low
0
219
MDTG
Dead Time Generator reg.
1
220
MPOL
Polarity Register
1
221
MPWME PWM register
1
222
MCONF
Configuration register
1
223
MPAR
Parity register
1
224
MZFR
Z Event Filter Register
1
225
MSCR
Sampling Clock Register
1
226
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com