Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 53Page - STMicroelectronics ST7MC2 Datasheet HTML 54Page - STMicroelectronics ST7MC2 Datasheet HTML 55Page - STMicroelectronics ST7MC2 Datasheet HTML 56Page - STMicroelectronics ST7MC2 Datasheet HTML 57Page - STMicroelectronics ST7MC2 Datasheet HTML 58Page - STMicroelectronics ST7MC2 Datasheet HTML 59Page - STMicroelectronics ST7MC2 Datasheet HTML 60Page - STMicroelectronics ST7MC2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 308 page
background image
ST7MC1/ST7MC2
57/308
I/O PORTS (Cont’d)
9.5.1 I/O Port Implementation
The I/O port register configurations are summa-
rised as follows.
Standard Ports
PA4, PA2:0, PB5:0, PC7:4,
PD7:6, PE5:0, PF5:0, PG7:0, PH7:0
Interrupt Ports
PA6, PA3, PB6, PC3, PC1, PD5, PD4, PD2 (with
pull-up)
PA7, PA5, PB7, PC2, PC0, PD6, PD3, PD1 (with-
out pull-up)
Table 12. Port Configuration
MODE
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
floating interrupt input
0
1
open drain output
1
0
push-pull output
1
1
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA7, PA5
floating
floating interrupt
open drain
push-pull
PA6, PA3
floating
pull-up interrupt
open drain
push-pull
PA2:0
floating
pull-up
open drain
push-pull
Port B
PB7
floating
floating interrupt
open drain
push-pull
PB6
floating
pull-up interrupt
open drain
push-pull
PB5:0
floating
pull-up
open drain
push-pull
Port C
PC7:4
floating
pull-up
open drain
push-pull
PC3, PC1
floating
pull-up interrupt
open drain
push-pull
PC2, PC0
floating
floating interrupt
open drain
push-pull
Port D
PD7, PD0
floating
pull-up
open drain
push-pull
PD6, PD3, PD1
floating
floating interrupt
open drain
push-pull
PD5, PD4, PD2
floating
pull-up interrupt
open drain
push-pull
Port E
PE5:0
floating
pull-up
open drain
push-pull
Port F
PF5:0
floating
pull-up
open drain
push-pull
Port G
PG7:0
floating
pull-up
open drain
push-pull
Port H
PH7:0
floating
pull-up
open drain
push-pull
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com