Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 141Page - STMicroelectronics ST7MC2 Datasheet HTML 142Page - STMicroelectronics ST7MC2 Datasheet HTML 143Page - STMicroelectronics ST7MC2 Datasheet HTML 144Page - STMicroelectronics ST7MC2 Datasheet HTML 145Page - STMicroelectronics ST7MC2 Datasheet HTML 146Page - STMicroelectronics ST7MC2 Datasheet HTML 147Page - STMicroelectronics ST7MC2 Datasheet HTML 148Page - STMicroelectronics ST7MC2 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 308 page
background image
ST7MC1/ST7MC2
145/308
MOTOR CONTROLLER (Cont’d)
10.6.5 Functional Description
The MTC can be split into five main parts as
shown in the simplified block diagram in Figure 77.
Each of these parts may be configured for different
purposes:
■ INPUT DETECTION BLOCK with a comparator,
an input multiplexer and an incremental encoder
interface, which may work as:
– A BEMF zero-crossing detector
– A Speed Sensor Interface
■ The DELAY MANAGER with an 8/16-bit timer
and an 8x8 bit multiplier, which may work as a:
– 8-bit delay manager
– Speed Measurement unit
■ The
PWM
MANAGER,
including
a
measurement
window
generator,
a
mode
selector and a current comparator.
■ The CHANNEL MANAGER with the PWM
multiplexer, polarity programming, deadtime
insertion
and
high
frequency
chopping
capability and emergency HiZ configuration
input.
■ The THREE-PHASE PWM GENERATOR with
12-bit
free-running
counter
and
repetition
counter.
10.6.6 Input Detection Block
This block can operate in Position sensor mode, in
sensorless mode or in Speed Sensor mode. The
mode is selected via the SR bit in the MCRA reg-
ister and the TES[1:0] bits in MPAR register (refer
to Table 35 for set-up information). The block dia-
gram is shown in Figure 78 for the Position Sen-
sor/Sensorless modes (TES[1:0] = 00) and in Fig-
ure 88 for the Speed Sensor mode (TES[1:0] = 01,
10, 11).
10.6.6.1 Input Pins
The MCIA, MCIB and MCIC input pins can be
used as analog or as digital pins.
– In sensorless mode, the analog inputs are used
to measure the BEMF zero crossing and to de-
tect the end of demagnetization if required.
– In sensor mode, the analog inputs are used to
get the Hall sensor information.
– In speed sensor mode (e.g. tachogenerator), the
inputs are used as digital pins. When using an
AC tachogenerator, a small external circuit may
be needed to convert the incoming signal into a
square wave signal which can be treated by the
MTC.
Due to the presence of diodes, these pins can per-
manently support an input current of 5mA. In sen-
sorless mode, this feature enables the inputs to be
connected to each motor phase through a single
resistor.
A multiplexer, programmed by the IS[1:0] bits in
the MPHST register selects the input pins and
connects them to the control logic in either sensor-
less or tachogenerator mode. In encoder mode, it
is mandatory to connect sensor digital outputs to
the MCIA and MCIB pins.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com