Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 146Page - STMicroelectronics ST7MC2 Datasheet HTML 147Page - STMicroelectronics ST7MC2 Datasheet HTML 148Page - STMicroelectronics ST7MC2 Datasheet HTML 149Page - STMicroelectronics ST7MC2 Datasheet HTML 150Page - STMicroelectronics ST7MC2 Datasheet HTML 151Page - STMicroelectronics ST7MC2 Datasheet HTML 152Page - STMicroelectronics ST7MC2 Datasheet HTML 153Page - STMicroelectronics ST7MC2 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 308 page
background image
ST7MC1/ST7MC2
150/308
MOTOR CONTROLLER (Cont’d)
10.6.6.4 Z Event Detection
In sensorless mode, the Z window filter becomes
active after each D event. It blanks out the Z event
during the time window defined by the ZWF[3:0]
bits in the MZFR register (see Table 28). The reset
value is 200µs. This Window Filter becomes active
after both hardware and software D events.
The Z Event Filter becomes active after the Z Win-
dow Filter. It counts the number of consecutive Z
events up to a limit defined by the ZEF[3:0] bits in
the MZFR register. The reset value is 1. The Z bit
is set when the counter limit is reached.
Sampling is done at a selectable frequency
(fSCF), see Table 82.
The Z event filter is active only for a hardware Z
event (ZH). For a simulated (ZS) event, it is forced
to 1. Z event filter is also active in sensor mode.
Figure 80. Z Window and Event Filter Flowchart
Table 28. Z Window filter Setting
Note: Times are indicated for 4 MHz fPERIPH
Table 29. Z Event filter Setting
D
No
End of
Blanking
?
Z
Event
?
Sampling
Limit=1?
Reset counter
Increment counter
Set the Z bit
Counter=Limit?
No
No
Yes
Yes
No
Yes
WINDOW
FILTER
EVENT
FILTER
Yes
Window
ZWF3 ZWF2 ZWF1 ZWF0
D to Z window fil-
ter in Sensorless
Mode (SR=0)
SR=1
00
00
5 µs
No
Win-
dow
Filter
after
D
event
0
0
0
1
10 µs
0
0
1
0
15 µs
0
0
1
1
20 µs
0
1
0
0
25 µs
0
1
0
1
30 µs
0
1
1
0
35 µs
0
1
1
1
40 µs
1
0
0
0
60 µs
1
0
0
1
80 µs
1
0
1
0
100 µs
1
0
1
1
120 µs
1
1
0
0
140 µs
1
1
0
1
160 µs
1
1
1
0
180 µs
1
1
1
1
200 µs
ZEF3
ZEF2
ZEF1
ZEF0
Z event Limit
0
000
1
0
001
2
0
010
3
0
011
4
0
100
5
0
101
6
0
110
7
0
111
8
1
000
9
1
001
10
1
010
11
1
011
12
1
100
13
1
101
14
1
110
15
1
111
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com