Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 162Page - STMicroelectronics ST7MC2 Datasheet HTML 163Page - STMicroelectronics ST7MC2 Datasheet HTML 164Page - STMicroelectronics ST7MC2 Datasheet HTML 165Page - STMicroelectronics ST7MC2 Datasheet HTML 166Page - STMicroelectronics ST7MC2 Datasheet HTML 167Page - STMicroelectronics ST7MC2 Datasheet HTML 168Page - STMicroelectronics ST7MC2 Datasheet HTML 169Page - STMicroelectronics ST7MC2 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 308 page
background image
ST7MC1/ST7MC2
166/308
MOTOR CONTROLLER (Cont’d)
Note on using the 3 MCIx pins as standard
I/Os: When none of the MCIx pins are needed in
the application (for instance when driving an in-
duction motor in open loop), they can be used as
standard I/O ports, by configuring the Motor Con-
troller as follows: PCN=1, TES
≠0 and IS=11. This
disables the MCIx alternate functions and switch-
es off the phase comparator. The state of the MCIx
pins is summarized in Table 36.
Table 36. MCIx pin configuration summary
*When PCN=0, TES=0 SR=0, inputs in OFF-state are put in HiZ or grounded depending on the value of
the DISS bit in the MSCR register.
Notes:
1. Analog input: Based on analog comparator and analog voltage reference. The corresponding digital
I/O is disabled and data in the DR register is not representative of data on the input.
2. Digital input: Use of standard VIL, VIH I/O level. This input can also be read via the associated I/O port.
PCN TES SR IS[1:0]
MCIA
MCIB
MCIC
Input
Detection
Block Mode
Comments
0
00
0
00
Analog Input Hi-Z or GND Hi-Z or GND
Sensorless
All MCIx pins are reserved
for the MTC peripheral
01
Hi-Z or GND Analog Input Hi-Z or GND
10
Hi-Z or GND Hi-Z or GND Analog input
11
NA
NA
NA
NA
1
00
Analog Input Standard I/O Standard I/O
Position
Sensor
From 1 to 3 MCIx pins reserved
depending on sensor
01
Standard I/O Analog Input Standard I/O
10
Standard I/O Standard I/O Analog Input
11
Standard I/O Standard I/O Standard I/O
NA
All MCIx pins are standard I/Os.
Phase comparator is OFF
≠0
x
xx
NA
NA
NA
NA
1
00
x
00
Analog Input Standard I/O Standard I/O
NA
Phase comparator is ON.
The IS[1:0] bits must not be modified
to avoid spurious event detection
in Motor Controller
01
Standard I/O Analog Input Standard I/O
10
Standard I/O Standard I/O Analog Input
11
Standard I/O Standard I/O Standard I/O
NA
All MCIx pins are standard I/Os.
Recommended configuration:
phase comparator OFF
≠00 x
00
Digital Input Standard I/O Standard I/O
Speed Sensor
Tachogenerator
Phase comparator is OFF
01
Standard I/O Digital Input Standard I/O
10
Standard I/O Standard I/O Digital Input
11
Digital Input Digital Input Standard I/O
Speed Sensor
Encoder
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com