Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 178Page - STMicroelectronics ST7MC2 Datasheet HTML 179Page - STMicroelectronics ST7MC2 Datasheet HTML 180Page - STMicroelectronics ST7MC2 Datasheet HTML 181Page - STMicroelectronics ST7MC2 Datasheet HTML 182Page - STMicroelectronics ST7MC2 Datasheet HTML 183Page - STMicroelectronics ST7MC2 Datasheet HTML 184Page - STMicroelectronics ST7MC2 Datasheet HTML 185Page - STMicroelectronics ST7MC2 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 308 page
background image
ST7MC1/ST7MC2
182/308
MOTOR CONTROLLER (Cont’d)
A logic block manages capture operations de-
pending on the sensor type. A capture is initiated
on an active edge (“Tacho capture” event) when
using a tachogenerator.
If an encoder is used, the capture is triggered on
two events depending on the Encoder Capture
Mode bit (ECM) in the MZFR register:
– Reading the MSB of the counter in manual
mode (ECM = 1)
– Interrupt from the Real Time Clock in automat-
ic mode (ECM = 0)
The clock source of the counter is selected de-
pending on sensor type:
– Motor Control Peripheral clock (16 MHz) with
tachogenerator or Hall sensors
– Encoder Clock
In order to optimize the accuracy of the measure-
ment for a wide speed range, the auto-updated
prescaler functionality is used with slight modifica-
tions compared to Sensor/Sensorless Modes (re-
fer to Figure 103 and Table 38).
– When the [MTIM:MTIML] timer value reaches
FFFFh, the prescaler is automatically increment-
ed in order to slow down the counter and avoid
an overflow. To keep consistent values, the
MTIM and MTIML registers are shifted right (di-
vided by two). The RPI bit in the MISR register is
set and an interrupt is generated (if RIM is set).
– When a capture event occurs, if the
[MTIM:MTIML] timer value is below 5500h, the
prescaler is automatically decremented in order
to speed up the counter and keep precision bet-
ter than 0.005% (1/5500h). The MTIM and
MTIML registers are shifted left (multiplied by
two). The RMI bit in the MISR register is set and
an interrupt is generated if RIM is set.
– If the prescaler contents reach the value 0, it can
no longer be automatically decremented, the
[MTIM:MTIML] timer continues working with the
same prescaler value, i.e. with a lower accuracy.
No RMI interrrupt can be generated.
– If the prescaler contents reach the value 15, it
can no longer be automatically incremented.
When the timer reaches the value FFFFh, the
prescaler and all the relevant registers remain
unchanged and no interrupt is generated, the
timer clock is disabled, and its contents stay at
FFFFh. The capture logic block still works, ena-
bling the capture of the maximum timer value.
The only automatically updated registers for the
Speed Sensor Mode are MTIM and MTIML. Ac-
cess to Delay manager registers in Speed Sensor
Mode is summarised in Table 41.
Figure 103. Auto-updated prescaler functional diagram
Ratio > 0?
Ratio = Ratio - 1
Counter = 0
Begin
End
Yes
No
Capture with [MTIM:MTIML] Timer < 5500h
Ratio < Fh?
Ratio = Ratio + 1
Counter = Counter/2
Begin
End
Yes
No
[MTIM:MTIML] Timer Overflow
Slow-down control
Speed-up control
(MTIM = MTIML = FFh)
(MZREG < 55h)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com