Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 200Page - STMicroelectronics ST7MC2 Datasheet HTML 201Page - STMicroelectronics ST7MC2 Datasheet HTML 202Page - STMicroelectronics ST7MC2 Datasheet HTML 203Page - STMicroelectronics ST7MC2 Datasheet HTML 204Page - STMicroelectronics ST7MC2 Datasheet HTML 205Page - STMicroelectronics ST7MC2 Datasheet HTML 206Page - STMicroelectronics ST7MC2 Datasheet HTML 207Page - STMicroelectronics ST7MC2 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 308 page
background image
ST7MC1/ST7MC2
204/308
MOTOR CONTROLLER (Cont’d)
10.6.10.5 Repetition Down-Counter
Both in center-aligned and edge-aligned modes,
the four Compare registers (one Compare 0 and
three for the U, V and W phases) are updated
when the PWM counter underflow or overflow and
the 8-bit Repetition down-counter has reached ze-
ro.
This means that data are transferred from the
preload compare registers to the compare regis-
ters every N cycles of the PWM Counter, where N
is the value of the 8-bit Repetition register in edge
-aligned mode. When using center-aligned mode,
the repetition down-counter is decremented every
time the PWM counter overflows or underflows. Al-
though this limits the maximum number of repeti-
tion to 128 PWM cycles, this makes it possible to
update the duty cycle twice per PWM period. As a
result, the effective PWM resolution in that case is
equal to the resolution we can get using edge-
aligned mode, i.e. one Tmtc period. When refresh-
ing compare registers only once per PWM period
in center-aligned mode, maximum resolution is
2xTmtc , due to the symmetry of the pattern.
The repetition down counter is an auto-reload
type; the repetition rate will be maintained as de-
fined by the MREP register value (refer to Figure
122).
10.6.10.6 PWM interrupt generation
A PWM interrupt is generated synchronously with
the “U” update event, which allows to refresh com-
pare values by software before the next update
event. As a result, the refresh rate for phases duty
cycles is directly linked to MREP register setting.
A signal reflecting the update events may be out-
put on a standard I/O port for debugging purposes.
Refer to section10.6.7.3 on page 171 for more de-
tails.
Figure 122. Update rate examples depending on mode and MREP register settings
Center-aligned mode
Edge-aligned mode
U
U
U
U
U
U Event: Preload registers transferred to active registers and PWM interrupt generated
12-bit PWM
Counter
MREP = 0
MREP = 1
MREP = 2
MREP = 3
U Event if transition from MREP = 0 to MREP = 1 occurs when 12-bit counter is equal
to MCP0.
U
MREP = 3
and
re-synchronization
(by SW)
(by SW)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com