Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 230Page - STMicroelectronics ST7MC2 Datasheet HTML 231Page - STMicroelectronics ST7MC2 Datasheet HTML 232Page - STMicroelectronics ST7MC2 Datasheet HTML 233Page - STMicroelectronics ST7MC2 Datasheet HTML 234Page - STMicroelectronics ST7MC2 Datasheet HTML 235Page - STMicroelectronics ST7MC2 Datasheet HTML 236Page - STMicroelectronics ST7MC2 Datasheet HTML 237Page - STMicroelectronics ST7MC2 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 308 page
background image
ST7MC1/ST7MC2
234/308
OP-AMP MODULE (Cont’d)
10.7.6 Low power modes
Note: The Op-Amp can be disabled by resetting
the OAON bit. This feature allows reduced power
consumption when the amplifier is not used.
10.7.7 Interrupts
None.
10.7.8 Register Description
CONTROL/STATUS REGISTER (OACSR)
Read/Write (except bit 7 read only)
Reset Value: 0000 0000(00h)
Bit 7 = CMPOVR Compensation Completed
This read-only bit contains the offset compensa-
tion status.
0: No offset compensation if OFFCMP = 0, or
Offset compensation cycle not completed if
OFFCMP = 1
1: Offset compensation completed if OFFCMP = 1
Bit 6 = OFFCMP Offset Compensation
0: Reset offset compensation values
1: Request to start offset compensation
Bit 5 = AVGCMP Average Compensation
0: One-shot offset compensation
1: Average offset compensation over 16 times
Bit 4 = OAON Amplifier On
0: Op-Amp powered off
1: Op-Amp on
Bit 3 = HIGHGAIN Gain range selection
This bit must be programmed depending on the
application. It can be used to ensure 35dB open
loop gain when high, it must be low when the
closed loop gain is below 20dB for stability rea-
sons.
0: Closed loop gain up to 20dB
1: Closed loop gain more than 20dB
Bits 2:0 = Reserved, must be kept cleared.
Mode
Description
WAIT
No effect on Op-Amp
HALT
Op-Amp disabled
After wake-up from Halt mode, the Op-
Amp requires a stabilization time (see
Electrical characteristics) (to be defined)
76
5
4
3
2
1
0
CMP
OVR
OFF
CMP
AVG
CMP
OAO
N
HIGH
GAIN
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com