Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC2 Datasheet(PDF) 277 Page - STMicroelectronics

Part # ST7MC2
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2 Datasheet(HTML) 277 Page - STMicroelectronics

Back Button ST7MC2 Datasheet HTML 273Page - STMicroelectronics ST7MC2 Datasheet HTML 274Page - STMicroelectronics ST7MC2 Datasheet HTML 275Page - STMicroelectronics ST7MC2 Datasheet HTML 276Page - STMicroelectronics ST7MC2 Datasheet HTML 277Page - STMicroelectronics ST7MC2 Datasheet HTML 278Page - STMicroelectronics ST7MC2 Datasheet HTML 279Page - STMicroelectronics ST7MC2 Datasheet HTML 280Page - STMicroelectronics ST7MC2 Datasheet HTML 281Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 308 page
background image
ST7MC1/ST7MC2
277/308
MOTOR CONTROL CHARACTERISTICS (Cont’d)
12.12.3 Input Stage (Current Feedback Comparator + Sampling)
Notes:
1. The comparator accuracy depends on the environment. In particular, the following cases may reduce the accuracy of
the comparator and must be avoided:
– Negative injection current on the I/Os close to the comparator inputs
– Switching on I/Os close to the comparator inputs
– Negative injection current on not used comparator input (MCCFI0 or MCCFI1)
– Switching with a high dV/dt on not used comparator input (MCCFI0 or MCCFI1)
These phenomena are even more critical when a big external serial resistor is added on the inputs.
2. This filter is implemented to wait for comparator stabilization and avoid any wrong information during start-up.
3.This delay represents the number of clock cycles needed to generate an event as soon as the comparator ouput chang-
es.
Example: When CFF=0 (detection is based on a single detection), MCO outputs are turned OFF at the 4th clock cycle
after comparator commutation, i.e. there is a variation of (1/fmtc) or (4 / fPERIPH) depending on the case.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Comparator input voltage range
VSSA - 0.1
VDD + 0.1
V
Voffset
Comparator offset error
5
40 1)
mV
Ioffset
Input offset current
1
µA
tpropag
Comparator propagation
delay 1)
35
100
ns
tstartup
Start-up filter duration 2)
Time waited before sampling
when comparator is turned
ON, i.e. CKE=1 or DAC=1
(with fPERIPH = 4MHz)
3
µs
tsampling Digital sampling delay
3)
Time needed to turn OFF the
MCOs when comparator out-
put rises (CFF=0)
4 / f MTC (see Figure 155)
Time between a comparator
toggle (current loop event)
and bit CL becoming set
(CFF=0)
2 / f MTC (see Figure 155)
Time needed to turn OFF the
MCOs when comparator out-
put rises (CFF=x)
(1+x) * (4 / fPERIPH) + (3 / fmtc)
(see Figure 156)
Time between a comparator
toggle (current loop event)
and bit CL becoming set
(CFF=x)
(1+x) * (4 / fPERIPH) + (1 / fmtc)
(see Figure 156)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com