Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-840-102RG-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-840-102RG-R2
Description  Strong structure with IP67 degree of protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-840-102RG-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-840-102RG-R2 Datasheet HTML 1Page - Copal Electronics PA-840-102RG-R2 Datasheet HTML 2Page - Copal Electronics PA-840-102RG-R2 Datasheet HTML 3Page - Copal Electronics PA-840-102RG-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PA-840
PA-848
Item
Specification
Pressure range
102R
352R
103G
353G
102A
Output voltage
1~5V
Zero voltage
3±0.05V
1.89±0.05V
1±0.05V
1±0.05V
1±0.05V
Span voltage
4±0.1V
Linearity / Hysteresis
±0.5% FS
Thermal error
Zero
±0.06% FS/℃
Span
±0.06% FS/℃
Operating Voltage
10.8~26.4V DC (including ripple)
Consumption Current
20mA maximum
Item
Specification
Rated pressure
102R
352R
103G
353G
102A
Output current
4~20mA
Zero current
12±0.2mA
7.56±0.2mA4±0.2mA4±0.2mA4±0.2mA
Span current
16±0.4mA
Linearity / Hysteresis
±0.5%FS
Thermal error
Zero
±0.06%FS/℃
Span
±0.06%FS/℃
Load resistance
500Ω maximum
Operating Voltage
21.6~26.4V DC (including ripple)
Series name
(Reference)
Rated pressure
Fitting
R 1/4
G 1/4
PA-840 (Output voltage)
-0.1~0.1MPa
PA-840-102R-R2
PA-840-102R-G2
-0.1~0.35MPa
PA-840-352R-R2
PA-840-352R-G2
0~1.0MPa
PA-840-103G-R2
PA-840-103G-G2
0~3.5MPa
PA-840-353G-R2
PA-840-353G-G2
0~0.1MPa abs.
PA-840-102A-R2
PA-840-102A-G2
PA-848 (Output current)
-0.1~0.1MPa
PA-848-102R-R2
PA-848-102R-G2
-0.1~0.35MPa
PA-848-352R-R2
PA-848-352R-G2
0~1.0MPa
PA-848-103G-R2
PA-848-103G-G2
0~3.5MPa
PA-848-353G-R2
PA-848-353G-G2
0~0.1MPa abs.
PA-848-102A-R2
PA-848-102A-G2
Item
Specification
Pressure range
102R
352R
103G
353G
102A
Pressure reference
Gauge
Gauge
Gauge
Gauge
Absolute
Rated pressure range
-0.1~0.1MPa
-0.1~0.35MPa
0~1.0MPa
0~3.5MPa
0~0.1MPa abs.
Maximum pressure
0.2MPa
0.7MPa
2MPa
4MPa
0.2MPa abs.
Burst pressure
0.3MPa
1.05MPa
3MPa
4.5MPa
0.3MPa abs.
Operating
temp. range
PA-840
Ta (No freezing) : -20~80℃ / Pressure port : -20~100℃
PA-848
Ta (No freezing) : -20~70℃ / Pressure port : -20~100℃
Compensated temp. range
0~50℃
Operating humidity
35~85%RH (No condensation )
Storage temp. range
-20~80℃
Media
Gas and liquid which does not corrode SUS316L
Gas and liquid which does not corrode O-ring (Fluoro rubber) G2 Fitting
Pressure port
R 1/4, G 1/4
IP protection
IP67
Weight
Approx. 250g
List of model numbers
Standard specifications
Analog output
3
PRESSURE TRANSDUCER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com