Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-840-103GG-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-840-103GG-R2
Description  Strong structure with IP67 degree of protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-840-103GG-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-840-103GG-R2 Datasheet HTML 1Page - Copal Electronics PA-840-103GG-R2 Datasheet HTML 2Page - Copal Electronics PA-840-103GG-R2 Datasheet HTML 3Page - Copal Electronics PA-840-103GG-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PA-840/PA-848 SERIES
Features
• Pressure sensors with IP67 degree of protection for outside-house applicants.
• Operation temperature up to 100°C~ for pressure diaphragm.
• Voltage Output of 1~5V DC with built-in amplifier (PA-840), Current output of 4~20mA DC (PA-848).
• High reliability (SUS316L diaphragm, oil-filled) by using double diaphragm structure.
• The most miniaturized terminal-assembly-type pressure sensor for outside-house applicants.
It is with a tough structure, and the terminal base's top cover can be replaced by cable, which is suitable for outdoors
under harsh environment.
Application as require for waterproof,
it is suitable for outdoors equipment
plant and water treatment device.
PA - 840 - 102R - R2
Applications
Series name
PA-840 : Output voltage
(1~5V)
PA-848 : Output current
(4~20mA)
Rated pressure range
102R : ‐0.1~0.1 MPa
352R : ‐0.1~0.35 MPa
103G :
0~1.0 MPa
353G :
0~3.5 MPa
102A :
0~0.1 MPa abs.
Pressure reference
G : Gauge pressure
R : Gauge pressure (Compound)
A : Absolute pressure
Fitting
R2 : R 1/4
G2 : G 1/4
Model number designation
Pressure transducer
Differential
pressure
identification
ex. water level
indicator
2 PRESSURE TRANSDUCER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com