Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-840-102RR-R2 Datasheet(PDF) 4 Page - Copal Electronics

Part # PA-840-102RR-R2
Description  Strong structure with IP67 degree of protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-840-102RR-R2 Datasheet(HTML) 4 Page - Copal Electronics

  PA-840-102RR-R2 Datasheet HTML 1Page - Copal Electronics PA-840-102RR-R2 Datasheet HTML 2Page - Copal Electronics PA-840-102RR-R2 Datasheet HTML 3Page - Copal Electronics PA-840-102RR-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MADEINJAPAN
PA-84*-***□-G2
NidecCOPALELECTRONICS
Lot.No.***
Thermal insulation packing 
EPDM
(∅
57
)
Washer×2
∅30
G1/4
SUS316L
Cable attaching portion(Note1)
Adaptation ∅6∼∅7
Cablegland
G3/8
Rubberbush
NBR
Terminal box
Al
(Almi
te)
Packing
NBR
Terminal box(lid)
Al
(Almi
te)
Chain
Parts number
O-ring(P15)
Fluoro rubber
A
PressureportM5
(66)
Diaphragm
SUS316L
(36)
Lot.No.***
NidecCOPALELECTRONICS
MADEINJAPAN
PA-84*-***□-R2
Thermal insulation packing 
Terminal brock
OTB-67-3P(OSADA)
Span adjustment VR
(Portion indicated by the arrow A)
(Paint lock:Not adjustable)
Zero adjustment VR
EPDM
Terminal box
Al
(Almi
te)
Rubberbush
NBR
Cablegland
G3/8
Cable attaching portion(note1)
   Adaptation ∅6∼∅7
Packing
NBR
Chain
Parts number
∅30
Terminal box(lid)
Al
(Almi
te)
(∅
57
)
 R1/4
SUS316L
Washer×2
A
Diaphragm
SUS316L
(66)
PressureportM5
(36)
2
1
3
OUT
N.C.
PA-840
3
OUT
1
POW+
2
POW+
PA-848
COM
Wiring table
• R 1/4 type
• G 1/4 type
Outline dimensions
NIDEC COPAL ELECTRONICS, INC.
367 Van Ness Way, Suite 601
Torrance, CA 90501 U.S.A
Phone: +1-310-618-0225 Fax: +1-310-618-9984
NIDEC COPAL ELECTRONICS (SHANGHAI) CO.,LTD.
Unit A, 4/F, No.4 Bldg., No.253, Ai Du Rd., Wai Gao Qiao
Free Trade Zone, Shanghai 200131, CHINA
Phone: +86-21-5046-3009 Fax: +86-21-5046-3115
NIDEC COPAL ELECTRONICS (TAIWAN) CO., LTD.
18F-1, No.57, Sec.2, Tun Hwa S.Rd., Taipei 106, TAIWAN
Phone: +886-2-27030577 Fax: +886-2-27010577
www.nidec-copal-electronics.com
NIDEC COPAL ELECTRONICS CORP.
7-5-25 Nishi-Shinjuku, Shinjuku-ku, Tokyo 160-0023 JAPAN
Phone: +81-3-3364-7055 Fax: +81-3-3364-7098
NIDEC COPAL ELECTRONICS GmbH
Mergenthalerallee 79-81
65760 Eschborn GERMANY
Phone: +49-6196-92775-0 Fax: +49-6196-92775-75
NIDEC COPAL ELECTRONICS KOREA CORP.
Woolim Lion's Valley, C-406, 371-28, Gasan-dong,
Geumcheon-gu, Seoul, 153-786, KOREA
Phone: +82-2-3482-5861 Fax: +82-2-3482-5860
NIDEC COPAL ELECTRONICS SINGAPORE PTE. LTD.
180B Bencoolen Street #07-05 The Bencoolen Singapore 189648
Phone: +65-6535-0056 Fax: +65-6535-0087
• Spcifications are subject to change without notice.
TIN201606E0000
Note1. Tighten wiring opening with the supplied cable gland for
avoiding water intrusion. The cable and/or lid may get loose
in certain usage environments and the sealing level may
lower as a result.So please use alocking or tighten regularly.
Note2. A cable is not supplied with the product.
please purchase separately.
Unless otherwise specified, tolerance : ±0.5 (Unit: mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com