Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD60ER Datasheet(PDF) 1 Page - Copal Electronics

Part # PD60ER
Description  POLYGON LASER SCANNERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PD60ER Datasheet(HTML) 1 Page - Copal Electronics

  PD60ER Datasheet HTML 1Page - Copal Electronics PD60ER Datasheet HTML 2Page - Copal Electronics PD60ER Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUICK REFERENCE TABLE
POLYGON LASER SCANNERS
PD30LA
PD40LA
PD40ERB
PD60ER
PD60EA
Ball bearing
Ball bearing
Ball bearing
Ball bearing
Ball bearing
6 ×
φ 40×36×φ 40×48×φ 40×68×φ 72×68×φ 55×6
λ/ 4
λ/ 6
λ/ 2
λ/ 4
λ/ 6
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 780 nm
85 % minimum
λ= 685 nm
1500 ~ 2000
1600 ~ 2800
3000 ~ 8000
5490
1500 ~ 5000
120 / 60
60 / 30
90 / 60
60 / 30
60 / 30
0.04 / 0.02
0.6
0.4
12
0.8
0.4
15
1.0
0.5
15
2.2
0.4
6
0.1
0.6
30
0.03 / 0.01
0.06 / 0.04
24
0.03 / 0.015
0.03 / 0.015
Item
Model
Mirror size
Number of facets×
×
Inscribed circle
diameter Thickness (mm)
Bearing structure
Flatness
(Wave length
λ= 632.8 nm)
Reflectivity
Wave length:
λ
Incident angle: i = 30
°
Dynamic pyramidal angle error
Peak-peak / Adjacent
(s)
Speed range
(r/min)
Jitter
P-P (%) / RF (%)
Supply voltage
(V)
Start up current
(A)
Operating current
(A)
Start up time
(s)
■LIST OF TYPICAL MODELS


Similar Part No. - PD60ER

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PD60EA COPAL-PD60EA Datasheet
124Kb / 3P
POLYGON LASER SCANNERS
More results

Similar Description - PD60ER

ManufacturerPart #DatasheetDescription
logo
SICK AG
LMC124-11000 SICK-LMC124-11000 Datasheet
344Kb / 5P
2D LASER SCANNERS
2016-03-19
LMS131-10100 SICK-LMS131-10100 Datasheet
1Mb / 6P
2D LASER SCANNERS
2016-03-19
LMS151-10100 SICK-LMS151-10100 Datasheet
1Mb / 6P
2D LASER SCANNERS
2016-03-19
TIM510-9950000S01 SICK-TIM510-9950000S01 Datasheet
550Kb / 6P
2D LASER SCANNERS
2016-03-19
LD-LRS3601 SICK-LD-LRS3601 Datasheet
596Kb / 5P
2D LASER SCANNERS
2016-03-19
LMS531-10100 SICK-LMS531-10100 Datasheet
692Kb / 5P
2D LASER SCANNERS
2016-03-19
NAV350-3232 SICK-NAV350-3232 Datasheet
914Kb / 6P
2D LASER SCANNERS
2016-03-19
logo
Copal Electronics
PD30LA COPAL-PD30LA Datasheet
130Kb / 3P
POLYGON LASER SCANNERS
PD60EA COPAL-PD60EA Datasheet
124Kb / 3P
POLYGON LASER SCANNERS
PT22ERG COPAL-PT22ERG Datasheet
131Kb / 3P
POLYGON LASER SCANNERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com