Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3B0365J Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Cur rent Mode Controller with integrated 650V
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ICE3B0365J_13 Datasheet HTML 4Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 9Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 10Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 11Page - Infineon Technologies AG ICE3B0365J_13 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CoolSET®-F3
ICE3Bxx65J
Version 2.9
8
25 Mar 2013
When V
VCC falls below the off-threshold VCCoff=10.3V
the bias circuit is switched off and the Power Down
reset let T1 discharging the soft-start capacitor C
SoftS at
pin SoftS. Thus it is ensured that at every startup cycle
the voltage ramp at pin SoftS starts at zero.
The bias circuit is switched off if Auto Restart Mode is
entered. The current consumption is then reduced to
300uA.
Once the malfunction condition is removed, this block
will then turn back on. The recovery from Auto Restart
Mode does not require disconnecting the SMPS from
the AC line.
When Active Burst Mode is entered, some internal Bias
is switched off in order to reduce the current
consumption
to
about
500uA
while
keeping
a
comparator (which trigger if V
FB has exceeded 3.61V)
and the Soft Start capacitor clamped at 3.0 V as this is
necessary in this mode.
3.3
Startup Phase
Figure 4
Soft Start
At the beginning of the Startup Phase, the IC provides
a Soft Start duration whereby it controls the maximum
primary current by means of a duty cycle limitation. A
capacitor C
Softs in combination with the internal pull up
resistor R
SoftS determines the duty cycle until VSoftS
exceeds 3.1V.
When the Soft Start begins, C
SoftS
is immediately
charged up to approx. 0.8V by T2. Therefore the Soft
Start Phase takes place between 0.8V and 3.1V.
Above V
SoftsS = 3.1V there is no longer duty cycle
limitation DC
max which is controlled by comparator C7
since comparator C2 blocks the gate G7 (see Figure
5).This maximum charge current in the very first stage
when V
SoftS is below 0.8V, is limited to 0.9mA.
Figure 5
Startup Phase
By means of this extra charge stage, there is no delay
in the beginning of the Startup Phase when there is still
no switching. Furthermore Soft Start is finished at 3.1V
to have faster the maximum power capability. The duty
cycles DC
1 and DC2 are depending on the mains and
the primary inductance of the transformer. The
limitation of the primary current by DC
2 is related to
V
SoftS = 3.1V. But DC1 is related to a maximum primary
current which is limited by the internal Current Limiting
with CS = 1V. Therefore the maximum Startup Phase
is divided into a Soft Start Phase until t1 and a phase
from t1 until t2 where maximum power is provided if
demanded by the FB signal.
Soft-Start
Comparator
Soft Start
&
G7
C7
C
SoftS
R
SoftS
T2
3.25k
5V
T3
0.8V
SoftS
Gate Driver
0.6V
x3.2
PWM OP
CS
3.1V
C2
Freq Jitter
Charging
current I
FJ
Freq Jitter
Discharging
current I
FJ
Freq Jitter
Control
DC
max
DC
1
DC
2
t
t
V
SoftS
max. Soft Start Phase
0.8V
3.1V
4.0V
max. Startup Phase
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com