Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST92185B3
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST92185B3 Datasheet HTML 99Page - STMicroelectronics ST92185B3 Datasheet HTML 100Page - STMicroelectronics ST92185B3 Datasheet HTML 101Page - STMicroelectronics ST92185B3 Datasheet HTML 102Page - STMicroelectronics ST92185B3 Datasheet HTML 103Page - STMicroelectronics ST92185B3 Datasheet HTML 104Page - STMicroelectronics ST92185B3 Datasheet HTML 105Page - STMicroelectronics ST92185B3 Datasheet HTML 106Page - STMicroelectronics ST92185B3 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 178 page
background image
103/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.4 Font Selection using Parallel Attributes
Parallel attributes have an immediate effect. They
are applied to the associated character. These at-
tributes can also have a “serial” effect, the defined
attribute being still defined on the following charac-
ters: this is known as attribute propagation.
Shape attributes (US,DH,BX,SR) are propagated
when PS is toggled to 0. In the same way, color at-
tributes are propagated when PS is toggled to 1.
CSS has two kinds of behaviour:
– If PS is set once, the CSS attribute is applied on
the current character only.
– If PS is set twice, the CSS of the first character
with PS=1 is propagated.
Note: The value stored as a preceding CSS value
is forced when alpha or mosaic color serial at-
tributes are used. Alpha serial attributes reset the
memorized CSS: Mosaic serial attributes set the
memorized CSS.
Table 19. Font Selection using Parallel Attributes
In the example in Table 6,, a string of six charac-
ters is displayed. In the line “Display with” we can
see that, starting from Char(n) and ending with
Char n+2, the CSS setting made at Char (n-2) is
propagated.
Table 20. Example of Character Set Selection
Parallel
Attribute
Character Code
Character
Definition
PS= 0
00..1F
32 Control Characters (serial attributes function table)
20..7F
96 Basic Characters chosen from G0 or G1 font
80..FF
128 extended characters G2-based X/26 and Menu Characters
PS= 1
CSS used for character
set selection
00..1F
32 Control Characters (serial attributes function table)
20..7F
CSS= 0: G0 or G1 selection depending on color serial attribute
CSS= 1: G1 selection
80..FF
CSS= 0: Select G2-based X/26 + Menu
CSS= 1: Select extended Menu + 32 reserved characters
Char(n-2)
Char(n-1)
Char(n)
Char(n+1)
Char(n+2)
Char(n+3)
PS=
1
1
0
0
1
1
CSS=
CSSn-2
CSSn-1
none
none
CSSn+2
CSSn+3
Display with
CSSn-2
CSSn-1
CSSn-2
CSSn-2
CSSn+2
CSSn+3
Stored CSS
CSSn-2
CSSn-2
CSSn-2
CSSn-2
CSSn-2
CSSn+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com