Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3 Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST92185B3
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST92185B3 Datasheet HTML 95Page - STMicroelectronics ST92185B3 Datasheet HTML 96Page - STMicroelectronics ST92185B3 Datasheet HTML 97Page - STMicroelectronics ST92185B3 Datasheet HTML 98Page - STMicroelectronics ST92185B3 Datasheet HTML 99Page - STMicroelectronics ST92185B3 Datasheet HTML 100Page - STMicroelectronics ST92185B3 Datasheet HTML 101Page - STMicroelectronics ST92185B3 Datasheet HTML 102Page - STMicroelectronics ST92185B3 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 178 page
background image
99/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Table 17. Serial Attribute Codes
Notes:
(1) Presumed at the start of each display row or
can be defined in global register
(2) Action “set at” (on current character) others are
“set after” (on next character)
(3) ALWAYS active (even in Full Page Serial
Mode, i.e. for Text Level 1)
(4) Toggles action if the Fringe Enable is set (bit 5
in register DCM0R R250 (FAh) Page 32. Selects a
second G0 if the Switch Enable bit is set (bit 5 in
register NCSR R245 (F5h) Page 32)
Flash: (/= Steady) The next characters are dis-
played with the foreground color alternatively
equal to background and foreground on a period
based on Vsync (32 Vsync: foreground, 16 Vsync:
background) until a Steady serial attribute.
Fringe: If the Fringe Enable bit is set in the global
attribute register DCM0R R250 (FAh) Page 32, the
next characters are displayed with a black fringe
(half dot) until the decoding of another fringe at-
tribute coded 1Bh (toggle effect).
Conceal: (/= Reveal) The next characters are dis-
played as space characters (Background color)
until a foreground color character is encountered.
Conceal mode is set by the conceal enable control
bit in the register DCM0R R250 (FAh) Page 32.
Boxing: A part of the page (where this bit is active)
is inserted in a specific window depending on 3
control bits defined in the FSCCR register. (see
Figure 11)
To respect the Teletext Norm, the box in serial
mode, starts when two Box-on attributes are en-
countered, and stops when two Box-offs are en-
countered.
Double Height: The upper halves of the charac-
ters are displayed in the current row, the corre-
sponding lower halves of characters are displayed
(with same display attributes) in the next row (in-
formation received for this row must be ignored).
Note: When a serial double height attribute is de-
coded in Row 23, the characters of the first status
row are not displayed. To avoid this effect, remove
the serial double height attribute from Row 23.
Figure 58. Mosaic Characters
Note: Hold Mosaic: (/= Release) The last mosaic
character is repeated once instead of the current
space character.
b[7:3]
00000
00001
00010
00011
b[2:0]
Foreground Color
(Alpha Chars)
Foreground Color
(Mosaic Chars)
000
Black
Flash
Black (3)
Conceal (2)
001
Red
Steady (1, 2)
Red
Contiguous Mosaic (1, 2)
010
Green
Box OFF (1)
Green
Separated Mosaic (2)
011
Yellow
Box ON
Yellow
Fringe or 2nd G0 font (3, 4)
100
Blue
Normal Height (1,2)
Blue
Black Background (1, 2)
101
Magenta
Double Height
Magenta
New Background (2)
110
Cyan
Cyan
Hold Mosaic (2)
111
White (1)
White
Release Mosaic (1)
Contiguous Mosaic
Separated Mosaic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com