Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-830-103A-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-830-103A-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-830-103A-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-830-103A-R2 Datasheet HTML 1Page - Copal Electronics PA-830-103A-R2 Datasheet HTML 2Page - Copal Electronics PA-830-103A-R2 Datasheet HTML 3Page - Copal Electronics PA-830-103A-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PA-830
PRESSURE TRANSDUCERS WITH AMP.
Thermal error
0 ~ 50 °C
(Reference temp.: 25 °C)
Output voltage
Zero voltage
Span voltage
Output current
Linearity/Hysteresis
Supply voltage effect
Response
Gravitational effect
(From vertical position to horizontal position)
1 ~ 5
1
± 0.04 (at 25 °C)
4
± 0.04 (at 25 °C)
1(Load resistance 5 k
Ω minimum)
± 0.5
± 0.3
± 0.5
± 0.3
± 0.5
Approx. 2
Approx. 1
Approx. 0.5 Approx. 0.3 Approx. 0.1 Approx. 0.05 Approx. 0.3 Approx. 0.5 Approx. 0.3
± 0.05/± 0.1 ※3
± 0.05/± 0.1 ※3
± 0.1
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
V DC
V
V
mA
maximum
V
maximum
ms
%F.S.
max.
Item
Model number
PA-830
101G
501G
102G
352G
103G
102V
351A
102A
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero voltage, Span voltage:
± 1 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance
※3 The thermal error of the PA-830-101G will be ± 0.1 %F.S./°C only.
■ INTERNAL ELECTRICAL SCHEMATICS
Shield
Main circuit
Pressure
Sensor
Common
Output
Power
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com