Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-830-101V-R2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-830-101V-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-830-101V-R2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-830-101V-R2 Datasheet HTML 1Page - Copal Electronics PA-830-101V-R2 Datasheet HTML 2Page - Copal Electronics PA-830-101V-R2 Datasheet HTML 3Page - Copal Electronics PA-830-101V-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part name
Material
Housing
“O” ring(P15 or P12.5)
Sealed liquid
Compensation resistor board
Fitting
1
2
3
4
5
1
2
53
4
Aluminum
Fluoro-rubber
SUS 316L
Ceramic
Silicone oil
INTERNAL STRUCTURE
PA-830 (G 1/8)
O High corrosion resistance by double diaphragm structure
O Built-in amplifier circuit
O 2 types to choose from (Gauge and Absolute pressures)
O Incorporating temperature compensation function
(0 ~ 50 °C)
O Voltage output mode
O Available with a ※VCR® fitting
■ FEATURES
■ MODEL NUMBER DESIGNATION
P A - 8 3 0 - 1 0 2 A - 0 5
Series name
Rated pressure range
101
:0 ~ 9.8 kPa {0 ~ 0.1 kgf/cm2}
351
:0 ~ 34.3 kPa {0 ~ 0.35 kgf/cm2}
501
:0 ~ 49.0 kPa {0 ~ 0.5 kgf/cm2}
102
:0 ~ 98.1 kPa {0 ~
1 kgf/cm2}
352
:0 ~ 343 kPa {0 ~ 3.5 kgf/cm2}
103
:0 ~ 981 kPa {0 ~ 10 kgf/cm2}
Thermal error/Fitting
05
:
± 0.05 % F.S./°C, G 1/8
10
:
± 0.1 % F.S./°C, G 1/8
R2
:
± 0.05 % F.S./°C, R 1/4
VCR
:
± 0.05 % F.S./°C, VCR®
Pressure reference
G
:Gauge
A
:Absolute
V
:Gauge (Vacuum)
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
※VCR® is a registered trade name of Cajon Co.
CAJON® is a registered trade name of Swagelok Co.
Note: For handling of VCR fittings, please contact a service center of Swagelok Co.
PRESSURE TRANSDUCERS WITH AMP.
PA-830


Similar Part No. - PA-830-101V-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-838-101D COPAL-PA-838-101D Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838-101D-F2 COPAL-PA-838-101D-F2 Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838-102D COPAL-PA-838-102D Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838-102D-F2 COPAL-PA-838-102D-F2 Datasheet
104Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-830-101V-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
PRESSURE TRANSDUCERS WITH AMP.
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com