Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-758-352G-R2- Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-758-352G-R2-
Description  PRESSURE TRANSDUCERS WITH AMP.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-758-352G-R2- Datasheet(HTML) 3 Page - Copal Electronics

  PA-758-352G-R2- Datasheet HTML 1Page - Copal Electronics PA-758-352G-R2- Datasheet HTML 2Page - Copal Electronics PA-758-352G-R2- Datasheet HTML 3Page - Copal Electronics PA-758-352G-R2- Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
± 0.3
102G
352G
103G
353G
102V
102R
302R
102A
Permissible change
Test item
Test conditions (At 25 ± 5 °C)
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2
3 directions for 3 times each
0 ~ Rated pressure/Rated pressure range, 106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
Shock
Pressure cycling
Moisture resistance
Item
Model
number
PA-758
Gravitational effect
(From horizontal position to vertical position)
Thermal error
Output current
Zero current
Span current
Load resistance
Linearity/Hysteresis
Response
resolving power
16 ± 0.2
0 ~ 500
± 0.5
± 0.05
± 0.05
4 ~ 20 mA
Approx. 2
Approx. 0.016 mA
(Approx. 0.1%F.S.
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
ms
%F.S.
mA
mA
(at 25 °C)
mA
(at 25 °C)
ENVIRONMENTAL CHARACTERISTICS
RECOMMENDED EXTERNAL SCHEMATICS
PA-758
PRESSURE TRANSDUCERS WITH AMP.
INTERNAL ELECTRICAL SCHEMATICS
Zero current, Span current:
± 1 %F.S. maximum each
± 0.3
± 0.1
± 0.05
± 0.3
± 0.1
4 ± 0.2
12 ± 0.2
8 ± 0.2
4 ± 0.2
※Do not wire the CAL connection.
It may cause malfunction when voltage is applied.
**…Calibration
Pressure
CAL
Sensor
Main circuit
Power
Output
+
CAL
(N.C)
Power
24V
 DC
Pressure
Output
Sensor
Main circuit
RL:250
V
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com