Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-758-353G-R2- Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-758-353G-R2-
Description  PRESSURE TRANSDUCERS WITH AMP.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-758-353G-R2- Datasheet(HTML) 1 Page - Copal Electronics

  PA-758-353G-R2- Datasheet HTML 1Page - Copal Electronics PA-758-353G-R2- Datasheet HTML 2Page - Copal Electronics PA-758-353G-R2- Datasheet HTML 3Page - Copal Electronics PA-758-353G-R2- Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
①
②
③
PRESSURE TRANSDUCERS WITH AMP.
PA-758
Part name
Material
Stainless steel diaphragm
Housing
Fitting
1
2
3
SUS 316L
PPS
SUS 304
INTERNAL STRUCTURE
PA-758 (R 1/4)
O High corrosion resistance and drip-proof construction
Pressure port attachment made of SUS 316L
Proven IP65 grade gauge body (IP-65 in accordance with IEC)
O Cable connector connection
O Buit-in temperature compensation function (0 ~ 50°C)
O Absolute pressure type and compound pressure type
which can control negative to positive pressure with only
a single pressure gauge are all in line
O Current output mode
■ FEATURES
※Please refer to the LIST OF MODEL NUMBERS when placing orders.
■ MODEL NUMBER DESIGNATION
PA-758 - 102 R - R2 - 1
Series name
Pressure reference
Rated pressure range
G
:Gauge
V
:Gauge(Vacuum)
R
:Compound
A
:Absolute
102
:0 ~ 100 kPa
352
:0 ~ 350 kPa
103
:0 ~ 1 MPa
353
:0 ~ 3.5 MPa
102
:0 ~
− 100 kPa
102
:
− 100 ~ 100 kPa
302
:
− 100 ~ 300 kPa
102
:0 ~ 100 kPa abs
Fitting
R1
:R 1/8 with M 5 female screw
R2
:R 1/4 with M 5 female screw
Blank
:1.5m cable
1
:Not attached
Cable
marking
Compatible with
EMC directive


Similar Part No. - PA-758-353G-R2-

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-750 COPAL-PA-750 Datasheet
112Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-750-102A-R1- COPAL-PA-750-102A-R1- Datasheet
112Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-750-102A-R1-1 COPAL-PA-750-102A-R1-1 Datasheet
112Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-750-102A-R2- COPAL-PA-750-102A-R2- Datasheet
112Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-750-102A-R2-1 COPAL-PA-750-102A-R2-1 Datasheet
112Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-758-353G-R2-

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com