Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-750-102V-R2- Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-750-102V-R2-
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-750-102V-R2- Datasheet(HTML) 2 Page - Copal Electronics

  PA-750-102V-R2- Datasheet HTML 1Page - Copal Electronics PA-750-102V-R2- Datasheet HTML 2Page - Copal Electronics PA-750-102V-R2- Datasheet HTML 3Page - Copal Electronics PA-750-102V-R2- Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fitting
PA-750
PA-750
PRESSURE TRANSDUCERS WITH AMP.
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
Insulation resistance
Dielectric strength
Sealed liquid
Pressure port
Net weight
Drip-proof structure
Model number
102G
352G
103G
353G
102V
102R
302R
102A
Gauge
Absolute
100
350
1000
3500
− 100
− 100 ~ 100 − 100 ~ 300
100 (abs)
200
700
2000
5000
200
200
600
200 (abs)
300
1050
3000
7000
300
300
900
300 (abs)
Corrosive gases/liquids compatible with SUS 316L or SUS304
R2 : Approx. 50
IP65
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
Silicone oil
R 1/8
þR 1/4 
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 80(Atmospheric pressure, humidity 65 %RH maximum)
− 20 ~ 80
kPa
kPa
kPa
°C
°C
%RH
°C
M
Ω
minimum
g
● Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.
Pressure reference
Gauge
Absolute
Cable
kPa
Rated pressure range
■ LIST OF MODEL NUMBERS
0 ~ 100
0 ~ 350
0 ~ 1000
0 ~ 3500
0 ~
− 100
− 100 ~ 100
− 100 ~ 300
0 ~ 100 (abs)
PA-750-
A 102G-R1-1
PA-750-
A 352G-R1-1
PA-750-
103G-R1-1
PA-750-
353G-R1-1
PA-750-
A 102V-R1-1
PA-750-
102R-R1-1
PA-750-
302R-R1-1
PA-750-
102A-R1-1
PA-750-
A 102G-R2
PA-750-
A 352G-R2
PA-750-
103G-R2
PA-750-
353G-R2
PA-750-
A 102V-R2
PA-750-
102R-R2
PA-750-
302R-R2
PA-750-
102A-R2
PA-750-
A 102G-R2-1
PA-750-
A 352G-R2-1
PA-750-
103G-R2-1
PA-750-
353G-R2-1
PA-750-
A 102V-R2-1
PA-750-
102R-R2-1
PA-750-
302R-R2-1
PA-750-
102A-R2-1
Attached
R1
R2
Not attached
Attached
Not attached
PA-750-
A 102G-R1
PA-750-
A 352G-R1
PA-750-
103G-R1
PA-750-
353G-R1
PA-750-
A 102V-R1
PA-750-
102R-R1
PA-750-
302R-R1
PA-750-
102A-R1
※Verify the above model numbers when placing orders.
 The products marked A are manufactured upon receipt of order basis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com