Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 20Page - STMicroelectronics STV82X6 Datasheet HTML 21Page - STMicroelectronics STV82X6 Datasheet HTML 22Page - STMicroelectronics STV82X6 Datasheet HTML 23Page - STMicroelectronics STV82X6 Datasheet HTML 24Page - STMicroelectronics STV82X6 Datasheet HTML 25Page - STMicroelectronics STV82X6 Datasheet HTML 26Page - STMicroelectronics STV82X6 Datasheet HTML 27Page - STMicroelectronics STV82X6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
Audio Matrices
STV82x6
24/95
4.1
Input Audio Matrix
The mono input (MONOIN) and three stereo SCART inputs (AI1L, AIR1), (AI2L, AI2R) and (AI3L,
AI3R) can be switched to any audio output and the same source can be connected to different
outputs. The inputs can totally bypass the STV82x6 functions (Thru mode) via the full analog
SCART path or use the audio processing corresponding to the different audio outputs. The input
matrix is programmed in bits DSP_ISCART_SEL[1:0] of register ANA_SCART.
In Thru mode, the STV82x6 is switched into Low Power mode (Standby) and the audio matrix
configuration (ANA_SCART register) is memorized and is not reset when switched back to Full
Power mode. See Section 7.2: Standby Mode.
Before processing the audio signal, the selected analog input is converted into a digital 16-bit signal
and pre-processed. Its sound level can be prescaled within a range between -6 dB and +6 dB in
steps of 1 dB (register PRE_AUX) and for Left/Right channels (register CH_MX). The internal level
can be measured with the Peak Level Detector.
4.2
Output Audio Matrix
The Loudspeaker+Subwoofer (LSL, LSR, SW), Headphone (HPL, HPR) and I²S (SDO) outputs can
directly select two possible sources which are either the demodulated signal or the converted audio
input (from the SCART or mono input) in register CH_SEL. In the event of a dual mono source, the
language is selected in register CH_LANG.
The two analog SCART outputs (AO1L, AO1R) and (AO2L, AO2R) can be used to bypass the
STV82x6 functions by directly selecting the analog input SCARTs or the output digital source from
the demodulator or the converted audio input (with prescaling and Left/Right re-matrixing). The
SCART output is selected in register ANA_SCART and the digital source in register CH_SEL. In the
event of a dual mono source, the language is selected in register CH_LANG as other audio outputs.
In the event of a demodulator source selection, the mute is automatically controlled for all audio
outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com