Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1200DC Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1200DC
Description  1200 Watt Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1200DC Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1200DC Datasheet HTML 1Page - Artesyn Technologies DS1200DC Datasheet HTML 2Page - Artesyn Technologies DS1200DC Datasheet HTML 3Page - Artesyn Technologies DS1200DC Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS1200DC Data Sheet
Logic Control
PS_SEATED (A4)
TTL logic LOW if power supply is seated into system connector. This is a short pin. A logic HIGH if the PSU is removed
PWR GOOD (C3)
Active TTL high when output is within regulation limits.
AC OK (B1)
A low logic level if the input voltage is within allowable limits. A TTL logic HIGH level, and a 5 mS early warning signal
before 12.0 V DC output loss of regulation.
PS_INHIBIT/PS_KILL (B4)
When left open power supply operation will be inhibited. When the power supply is inserted into the system, this pin will
be pull low by the system and turn the power supply on only after all other power supply pins have seated.
PS ON (A1)
The output will be enabled when this signal is pulled low, below 0.8 V outputs disabled when pin is driven high or left
open.
Environmental Specifications
Operating temperature
-10 to 55 °C
Storage temperature
-40 to +85 °C
Altitude, operating
13,000 feet
Electromagnetic susceptibility / Input transients
GR-1089-CORE Issue 4
RoHS & lead free
Compliant
Humidity
20 - 90% RH, non condensing
Shock and vibration specifications
Complies with Artesyn standard specifications plus additional NEBS requirement
MTBF (demonstrated
500 K Hrs at full load, 40 °C
Ordering Information
Model
Number*
Nominal Output
Voltage Set
Point
Set Point
Tolerance
Total
Regulation
Current
Output Ripple
P/P
Overcurrent
Standby
Air Flow
Min
Max
DS1200DC-3
12.0 V
±0.2%
±0.5%
0 A
100 A
120 mV
118 A - 147.6 A*
3.3 V @ 6 A
STD
DS1200DC-3-001
12.0 V
±0.2%
±0.5%
0 A
100 A
120 mV
118 A - 147.6 A*
3.3 V @ 6 A
REV**
DS1200DC-3-002
12.0 V
±0.2%
±0.5%
0 A
100 A
120 mV
118 A - 147.6 A*
5.0 V @ 4 A
STD
DS1200DC-3-004
12.0 V
±0.2%
±0.5%
0 A
100 A
120 mV
118 A - 147.6 A*
5.0 V @ 4 A
REV**
* Over current latches off if overcurrent lasts over 1 seconds, otherwise it is auto recovery.
** Derating may apply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com