Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7620M Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7620M
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7620M Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7620M Datasheet HTML 7Page - STMicroelectronics STV7620M Datasheet HTML 8Page - STMicroelectronics STV7620M Datasheet HTML 9Page - STMicroelectronics STV7620M Datasheet HTML 10Page - STMicroelectronics STV7620M Datasheet HTML 11Page - STMicroelectronics STV7620M Datasheet HTML 12Page - STMicroelectronics STV7620M Datasheet HTML 13Page - STMicroelectronics STV7620M Datasheet HTML 14Page - STMicroelectronics STV7620M Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STV7620M
11/17
9
ELECTRICAL CHARACTERISTICS
(Vcc = 5V, Vpp = 70V, Vssp = 0V, Vss = 0V, Tamb = 25°C, FCLK = 40 MHz, unless otherwise specified)
Note 5: Logic input levels compatible with 5 V CMOS logic
Note 6: All data inputs are commuted at 10 MHz
Note 7: see Figure 4.Test configuration page15
Symbol
Parameter
Min.
Typ
Max
Unit
SUPPLY
Vcc
Logic supply voltage
4.50
5
5.5
V
Icc
Logic supply current (Note 5)
-
15
µA
Iccl
Logic Dynamic Supply Current (
FCLK=20Mhz) (Note 6)-
20
-
mA
Icc
Logic Supply Current (Vih= 2.0 V)
500
750
µA
Vpp
Power output supply voltage
15
80
V
Ipph
Power output supply current
(steady outputs)
-
-
10
µA
OUTPUT
OUT1-OUT96
Vpouth
Power output high level (voltage drop versus Vpp)
@Ipouth = - 20mA and Vpp = 70 V
-
7.5
14
V
Vpoutl
Power output low level
@ Ipoutl = + 20mA
-5
11
V
Vdouth
Output diode voltage drop
@ Idouth = + 30 mA (Note 7)
-1
2
V
Vdoutl
Output diode voltage drop
@ Idoutl = - 30 mA (Note 7)
-2
-1
-
V
INPUT
CLK, F/R, STB, POC, BLK, BS, A1-A6
Vih
Input high level
2.0
-
-
V
Vil
Input low level
-
-
0.9
V
Iih
High level input current (Vih
≥ 2.0V)
--
5
µA
Iil
Low level input current (Vil = 0V)
-
-
5
µA
Iih
High level input current for BS (Vih = 5 V)
20
µA
Cin
Input capacitance
15
pF
A4-A6
Voh
Logic output high level (Ioh = -1mA)
4.85
V
Vol
Logic output low level (Iol = 1mA)
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com