Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1050-3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS1050-3
Description  Distributed Power Bulk Front-End
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS1050-3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DS1050-3 Datasheet HTML 1Page - Artesyn Technologies DS1050-3 Datasheet HTML 2Page - Artesyn Technologies DS1050-3 Datasheet HTML 3Page - Artesyn Technologies DS1050-3 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS1050 Data Sheet
Logic Control
PS_SEATED (A4)
TTL logic LOW if power supply is seated into system connector. This is a short pin. A logic HIGH if the PSU is removed
PWR GOOD (C3)
Active TTL high when output is within regulation limits.
AC OK (B1)
A low logic level if the input voltage is within allowable limits. A TTL logic HIGH level, and a 5mS early warning signal
before 12.0 V DC output loss of regulation.
PS_INHIBIT/PS_KILL (B4)
This signal is connected to a short pin on the PSU
When left open power supply operation will be inhibited. When the power supply is inserted into the system, this pin
will be pull low by the system and turn the power supply on only after all other power supply pins have seated.
PS ON (A1)
The output will be enabled when this signal is pulled low, below 0.8 V outputs disabled when pin is driven high or left
open.
Environmental Specifications
Operating temperature
-10 °C to 50 °C ; 50% power derating at 70 °C
Storage temperature
-40 °C to +85 °C
Altitude, operating
10,000 ft
Electromagnetic susceptibility/Input transients
-EN61000-3-2, -3-3
-EN61000-4-2, 4.3, 4-4, -4-5, 4-11
-EN55024:1998
RoHS & lead-free compliant
No tantalum caps.
Humidity
20 to 90% RH, non-condensing
Shock and vibration specificatons
Standard operating/non-operating random shock/vibration
MTBF (Demonstrated)
500K Hrs at full load, 40 °C
Ordering Information
Model Number Nominal Output
Voltage Set Point
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
Output Ripple
P/P
Over Current
Standby**
Air Flow
DS1050-3
12.0 Vdc
±0.2%
±5%
0 A
87 A
120 mV
102.7 A - 128.4 A 3.3 V @ 4 A
STD
DS1050-3-001
12.0 Vdc
±0.2%
±5%
0 A
87 A
120 mV
102.7 A - 128.4 A 3.3 V @ 4 A
REV
DS1050-3-002
12.0 Vdc
±0.2%
±5%
0 A
87 A
120 mV
102.7 A - 128.4 A 5.0 V @ 2.5 A
STD
DS1050-3-003
12.0 Vdc
±0.2%
±5%
0 A
87 A
120 mV
102.7 A - 128.4 A 5.0 V @ 2.5 A
REV
*Overcurrent latches off if overcurrent lasts over 1 seconds, otherwise it is auto recovery.
** 3.3 V standby can operate at 6 A, but overall unit efficiency will fall slightly below Gold Standard.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com