Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS750PED Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DS750PED
Description  750 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DS750PED Datasheet(HTML) 2 Page - Artesyn Technologies

  DS750PED Datasheet HTML 1Page - Artesyn Technologies DS750PED Datasheet HTML 2Page - Artesyn Technologies DS750PED Datasheet HTML 3Page - Artesyn Technologies DS750PED Datasheet HTML 4Page - Artesyn Technologies DS750PED Datasheet HTML 5Page - Artesyn Technologies DS750PED Datasheet HTML 6Page - Artesyn Technologies DS750PED Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS750PED Data Sheet
Electrical Specifications
Protections
Main Output
MIN
NOM
MAX
Overcurrent protection2
120%
150%
Overvoltage protection1
13.5 V
15.0 V
Undervoltage protection
10.5 V
11.0 V
Overtemperature protection
Yes
Fan fault protection
Yes
Standby Output
Overcurrent protection3
120%
150%
Overvoltage protection3
13.5 V
15.0 V
Undervoltage protection
10.0 V
11.0 V
1
Latch mode
2
Autorecovery if the overcurrent is less than 120% and last only for <500 ms
3
Standby protection is auto-recovery
Ordering Information
Model Number
Nominal Main Output
Standby Output
Airflow Direction
DS750PED-3
12 V @ 62.5 A
12 V @ 3 A
Standard (forward)
DS750PED-3-001
12 V @ 62.5 A
12 V @ 3 A
Reverse
Control and Status Signals
Input Signals
PSON_L
Active LOW signal which enables/disables the main output. Pulling this signal LOW will turn-on the main output. Recommended pull-up resistor to 12 VSB is 8.2 k
with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA
PSKILL_L
First break/last mate active LOW signal which enables/disables the main output. This signal will have to be pulled to ground at the system side with a 220 ohm
resistor. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
2 mA
I
SINK
Current that may be sunk by this pin at low state
0.5 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com