Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7620WAF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7620WAF
Description  PLASMA DISPLAY PANEL DATA DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7620WAF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7620WAF Datasheet HTML 5Page - STMicroelectronics STV7620WAF Datasheet HTML 6Page - STMicroelectronics STV7620WAF Datasheet HTML 7Page - STMicroelectronics STV7620WAF Datasheet HTML 8Page - STMicroelectronics STV7620WAF Datasheet HTML 9Page - STMicroelectronics STV7620WAF Datasheet HTML 10Page - STMicroelectronics STV7620WAF Datasheet HTML 11Page - STMicroelectronics STV7620WAF Datasheet HTML 12Page - STMicroelectronics STV7620WAF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STV7620M
9/17
7
CIRCUIT DESCRIPTION
STV7620M includes all the logic and power cir-
cuits necessary to drive column electrodes of a
Plasma Display Panel (P. D. P.). Binary values of
each pixel of the displayed line are loaded into the
shift register by a 6 bit wide (A1 - A6) or 3 bit wide
(A1 - A3) data bus, depending on the configuration
of the BS input pin. Data is shifted at each low-to-
high transition of the CLK clock.
The forward/reverse (F/R) input is used to select
the direction of the shift register.
The BS input sets the configuration of the shift reg-
ister either in 3 x 32 bits or in 6 x 16 bits.
In case of a 3 bit arrangement, A1, A2 and A3 data
bus input pins are used. The 3 shift registers are
loaded with 32 clock pulses. A4, A5 and A6 data
bus pins are the outputs of A1, A2 and A3 shift
registers respectively.
The maximum frequency of the shift clock is
40MHz. This leads to an equivalent 240MHz serial
shift register for a 6 x 16 bits arrangement.
When the STB signal is Low, data are transferred
from the shift register to the latch and the power
output stages.
All the output data are kept memorised and held in
the latch stage when the latch input STB is pulled
high.
Vsssub and Vsslog must be connected as close as
possible to the logical reference ground of the ap-
plication.
STV7620M is supplied with a 5 volt power supply.
All the logic inputs can be driven either by 5V
CMOS logic or by 3.3 V CMOS logic.
A low EMI function has been implemented: the fall-
ing edge of the outputs has 2 slopes, a smooth
one for 30ns followed by a steeper one.
Table 1: Shift register truth table
Table 2: Power output truth table
Pn+1 = A1, Pn+2 = A2, Pn+3 = A3, Pn+4 = A4, Pn+5 = A5, Pn+6 = A6, n = [0,6,12,18,...,90]
and BS = “L”
Input
Shift register function
BS
F/R
CLK
Output Q
X
L
rise
Forward shift
X
L
H or L
Steady
X
H
rise
Reverse shift
X
H
H or L
Steady
H
X
X
3 bits shift register
L
X
X
6 bits shift register
Pn
STB
BLK
POC
Driver Output
Comments
X
X
L
X
all L
Output at low level
X
X
H
L
all H
Output at high level
X
H
H
H
Qn
Data latched
L
L
H
H
L
Data copied
H
L
H
H
H
Data copied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com