Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9381 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV9381
Description  CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9381 Datasheet(HTML) 7 Page - STMicroelectronics

  STV9381 Datasheet HTML 1Page - STMicroelectronics STV9381 Datasheet HTML 2Page - STMicroelectronics STV9381 Datasheet HTML 3Page - STMicroelectronics STV9381 Datasheet HTML 4Page - STMicroelectronics STV9381 Datasheet HTML 5Page - STMicroelectronics STV9381 Datasheet HTML 6Page - STMicroelectronics STV9381 Datasheet HTML 7Page - STMicroelectronics STV9381 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STV9381
7/8
Note: 3
Dimensions A, A1 & L are measured with the package seated in JEDEC seating plane gauge GS-3
Note: 4
Dimensions D, D1 and E1 are to be measured at maximum material condition but do not include mold flash or
protrusions. Mold flash or protrusions shall not exceed 0.010 inch /0.254 mm
Note: 5
E and eA measured with the leads constrained to be perpendicular to datum -c-
Note: 6
eB and eC are measured at the lead tips with the leads unconstrained
Note: 7
N is the maximum of number of lead positions
Note: 8
b2 maximum dimension does not include DAMBAR protrusions. DAMBAR protrusions shall not exceed
0.010inch / 0.25mm
D1
0.762
0.889
1.016
0.030
0.035
0.040
4
E
7.62
8.255
0.300
0.325
5
E1
6.096
6.401
6.604
0.240
0.252
0.260
4
e
2.54
0.100
eA
7.62
0.300
5
eB
10.922
0.430
6
eC
0.000
1.524
0.000
0.060
6
L
3.175
3.429
0.125
0.135
3
N20
20
7
Q1
1.397
1.524
1.651
0.055
0.060
0.065
Dimensions
Millimeters
Inches
Notes
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com