Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-C8 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DA-C8
Description  Total Power: 12 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA-C8 Datasheet(HTML) 2 Page - Artesyn Technologies

  DA-C8 Datasheet HTML 1Page - Artesyn Technologies DA-C8 Datasheet HTML 2Page - Artesyn Technologies DA-C8 Datasheet HTML 3Page - Artesyn Technologies DA-C8 Datasheet HTML 4Page - Artesyn Technologies DA-C8 Datasheet HTML 5Page - Artesyn Technologies DA-C8 Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DA12-M Series Data Sheet
Environmental Specifications
Operating temperature:
0 ° to +40 °C ambient
Storage temperature:
-40 °C to +85 °C
Electromagnetic susceptibility:
Designed to meet EN55024
Humidity:
Operating; non-condensing 5% to 95% RH
Vibration:
Frequency/PSD: 5 - 350 Hz
0.0001 g2/Hz
350 - 500 Hz - 6dB/Oct.
500 Hz
0.00005 g2/Hz
Acceleration:
0.21 gRMS
Duration:
20 min per second
AC Plug Configuration for Fixed Plug
U.S. 2-prong
US
Europe 2-prong
EU
United Kingdom 3-prong
UK
Australia 2-prong
AU
AC Plug Configuration for Interchangeable Plug
U.S. 2-prong
DA-US
Europe 2-prong
DA-EU
United Kingdom 3-prong
DA-UK
Australia 2-prong
DA-AU
C8 - 2 receptacle
DA-C8
Japan 2-prong
DA-JP
China 2-prong
DA-CH
Korea 2-prong
DA-KR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com