Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92185B3BJ1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST92185B3BJ1
Description  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B3BJ1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST92185B3BJ1 Datasheet HTML 9Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 10Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 11Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 12Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 13Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 14Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 15Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 16Page - STMicroelectronics ST92185B3BJ1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 178 page
background image
13/178
ST92185B - GENERAL DESCRIPTION
Figure 6. 64-Pin Package Pin-Out
Note: N.C = Not connected
GND
AIN4/P0.2
P0.1
P0.0
CSO/RESET0/P3.7
P3.6
P3.5
P3.4
B
G
R
FB
SDO/SDI/P5.1
INT2/SCK/P5.0
VDD
JTDO
VSS
P4.7/PWM7/EXTRG/STOUT
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
P4.3/PWM3/TSLU/HT
P4.2/PWM2
P4.1/PWM1
P4.0/PWM0
VSYNC
HSYNC/CSYNC
AVDD1
PXFM
JTRST0
GND
N.C.
1
64
16
32
48
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com