Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 11Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 12Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 13Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 14Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 15Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 16Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 17Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 18Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 308 page
background image
ST7MC1/ST7MC2
15/308
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. If two alternate function outputs are enabled at the same time on a given pin (for instance, MCPWMV
and MCDEM on PD1 on LQFP32), the two signals will be ORed on the output pin.
3. MCES is a floating input. To disable this function, a pull-up resistor must be used.
4. OSC1 and OSC2 pins connect a crystal/ceramic resonator or an external source to the on-chip oscilla-
tor; see Section 1 INTRODUCTION and Section 12.5 CLOCK AND TIMING CHARACTERISTICS for
more details.
5. MCCFI can be mapped on 2 different pins on 80 ,64 and 56-pin packages. This allows:
- either to use PC1 as a standard I/O and map MCCFI on OAZ (MCCFI1) with or without using the oper-
ational amplifier (selected case after reset),
- or to map MCCFI on PC1 (MCCFI0) and use the amplifier for another function.
The mapping can be selected in MREF register of motor control cell. See section MOTOR CONTROL for
more details.
6. MCZEM is mapped on PF1 on 80, 64 and 56-pin packages and on PD2 on 44 and 32-pins.
MCDEM is mapped on PF0 on 80, 64 and 56-pin packages and on PD1 on 44 and 32-pin packages.
7. MCPWMV is mapped on PC6 on 80 and 64-pin packages and on PD1 on 44,and 32-pins packages.
MCPWMW is mapped on PC7 on 80, 64 and 44-pin packages and on PD0 on 32-pins package.
8. On the chip, each I/O port has 8 pads. Pads that are not bonded to external pins are in input pull-up
configuration after reset. The configuration of these pads must be kept at reset state to avoid added cur-
rent consumption. Refer to section 15.6 on page 302
9. Once the MTC peripheral is ON (bits CKE=1 or DAC=1 in the register MCRA), the pin PC4 is configured
to an alternate function. PC4 is no longer usable as a digital I/O.
69
--
---
PH6
I/O TT
X XX
X
Port H6
70
--
---
PH7
I/O TT
X XX
X
Port H7
71 55
56
37
-
-
PE0/
OCMP2_B
I/O CT HS X XX
X
Port E0
Timer B Output Compare
2
72 56
1
38
-
-
PE1/
OCMP1_B
I/O CT
X XX
X
X
Port E1
Timer B Output Compare
1
73 57
2
39
-
-
PE2/ICAP2_B
I/O CT
X X
X
X
Port E2
Timer B Input Capture 2
74 58
3
40
-
-
PE3/ICAP1_B/ I/O CT
X X
X
X
X
Port E3
Timer B Input Capture 1
75 59
-
-
-
-
PE4/
EXTCLK_B
I/O CT
X XX
X
Port E4
Timer B External Clock
source
76 60
-
-
-
-
PE5
I/O CT
X XX
X
X
Port E5
77 614411
29
VPP/ICCSEL
I
Must be tied low. In the program-
ming mode when available, this pin
acts as the programming voltage in-
put VPP./ ICC mode pin. See section
12.9.2 on page 268
78 62
5
42
2
30
MCO0 (HS)
O
HS
X
MTC Output Channel 0
79 63
6
43
3
31
MCO1 (HS)
O
HS
X
MTC Output Channel 1
80 64
7
44
4
32
MCO2 (HS)
O
HS
X
MTC Output Channel 2
Table 1. ST7MC Device Pin Description
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function 2)
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com