Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 188Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 189Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 190Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 191Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 192Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 193Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 194Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 195Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 308 page
background image
ST7MC1/ST7MC2
192/308
MOTOR CONTROLLER (Cont’d)
Figure 110. PWM application in Voltage or Current Sensor Mode (see Table 62)
(sensor mode: SR=1)
Step
xx
0x0
1
0
-
In sensor mode, there is no demagnetisation event and the PWM behaviour can be
changed before and after Z event
OS2
PWM behaviour after C
0
1
High Channels
Low Channels
and before Z
OS1
Not Used
OS0
PWM behaviour after Z
0
1
High Channels
Low Channels
and before next C
OS2
OS0
Wait Z event
Delay
Delay
0x1
1x0
1x1
0
1
0
1
0
1
0
1
High
Low
High
Low
High
Low
High
Low
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com