Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 206 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 206 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 202Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 203Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 204Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 205Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 206Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 207Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 208Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 209Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 308 page
background image
ST7MC1/ST7MC2
206/308
MOTOR CONTROLLER (Cont’d)
10.6.13 Register Description
TIMER COUNTER REGISTER (MTIM)
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = T[7:0]: MTIM Counter Value.
These bits contain the current value of the 8-bit up
counter. In Speed Measurement Mode, when us-
ing Encoder sensor and MTIM captures triggered
by SW (refer to Figure 102) a read access to MTIM
register causes a capture of the [MTIM:MTIML]
register pair to the [MZREG: MZPRV] registers.
TIMER COUNTER REGISTER LSB (MTIML)
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = TL[7:0]: MTIM Counter Value LSB.
These bits contain the current value of the least
significant byte of the MTIM up counter, when
used in Speed Measurement Mode (i.e. as a 16-bit
timer)
CAPTURE Zn-1 REGISTER (MZPRV)
Read /Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = ZP[7:0]: Previous Z Value or Speed
capture LSB.
These bits contain the previous captured BEMF
value (ZN-1) in Switched and Autoswitched mode
or the LSB of the captured value of the
[MTIM:MTIML] registers in Speed Sensor Mode.
CAPTURE Zn REGISTER (MZREG)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = ZC[7:0]: Current Z Value or Speed cap-
ture MSB.
These bits contain the current captured BEMF val-
ue (ZN) in Switched and Autoswitched mode or the
MSB of the captured value of the [MTIM:MTIML]
registers in Speed Sensor Mode. A read access to
MZREG in this case disable the Speed captures
up to MZPRV reading (refer to Section 10.6.7.5
Speed Measurement Mode on page 179).
COMPARE Cn+1 REGISTER (MCOMP)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DC[7:0]: Next Compare Value.
These bits contain the compare value for the next
commutation (CN+1).
DEMAGNETIZATION REGISTER (MDREG)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DN[7:0]: D Value.
These bits contain the compare value for simulat-
ed demagnetization (DN) and the captured value
for hardware demagnetization (DH) in Switched
and Autoswitched mode.
In Speed Sensor Mode, the register contains the
value used for comparison with MTIM registers to
generate a Speed Error event.
76
54
32
10
T7
T6
T5
T4
T3
T2
T1
T0
76
54
32
10
TL7
TL6
TL5
TL4
TL3
TL2
TL1
TL0
76
54
32
10
ZP7
ZP6
ZP5
ZP4
ZP3
ZP2
ZP1
ZP0
76
54
32
10
ZC7
ZC6
ZC5
ZC4
ZC3
ZC2
ZC1
ZC0
76
54
32
10
DC7
DC6
DC5
DC4
DC3
DC2
DC1
DC0
76
54
32
10
DN7
DN6
DN5
DN4
DN3
DN2
DN1
DN0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com