Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 233 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 233 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 229Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 230Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 231Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 232Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 233Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 234Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 235Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 236Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 308 page
background image
ST7MC1/ST7MC2
233/308
OP-AMP MODULE (Cont’d)
10.7.5 Op-Amp Programming
The flowchart for Op-Amp operation is shown in
Figure 126
Figure 126. Normal Op-Amp Operation
Power On Reset
OACSR = 0000 0000
Write OACSR = x0010xx0
Wait for Amplifier to wake up (Twakeup)
Compensation Offset ?
Average Compensation ?
Write OACSR = x101 0xx0
Wait for 1536*TCPU cycles
Read CMPOVR = 1
Write OACSR = x0p1 pxx0
p : same as before
Write OACSR = x111 0xx0
Wait for 24576*TCPU cycles
Read CMPOVR = 1
Need
closed loop gain > 20dB @ 100kHz ?
Write OACSR = x1p1 1xx0
p : same as before
Op-Amp useable
Re-compensate
Offset ?
External components always connected
No
Yes
Yes
No
Yes
No
No
Yes
#OFFCMP & AVGCMP
should be set simultenaously
#The HIGHGAIN bit can also be written in step (1) or (2)
(1)
(2b)
(4)
(3) #
(2a)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com