Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2TC Datasheet(PDF) 296 Page - STMicroelectronics

Part # ST7MC1K2TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2TC Datasheet(HTML) 296 Page - STMicroelectronics

Back Button ST7MC1K2TC Datasheet HTML 292Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 293Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 294Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 295Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 296Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 297Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 298Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 299Page - STMicroelectronics ST7MC1K2TC Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 308 page
background image
ST7MC1/ST7MC2
296/308
14.4 ST7 APPLICATION NOTES
Table 94. ST7 Application Notes
IDENTIFICATION
DESCRIPTION
APPLICATION EXAMPLES
AN1658
SERIAL NUMBERING IMPLEMENTATION
AN1720
MANAGING THE READ-OUT PROTECTION IN FLASH MICROCONTROLLERS
AN1755
A HIGH RESOLUTION/PRECISION THERMOMETER USING ST7 AND NE555
AN1756
CHOOSING A DALI IMPLEMENTATION STRATEGY WITH ST7DALI
AN1812
A HIGH PRECISION, LOW COST, SINGLE SUPPLY ADC FOR POSITIVE AND NEGATIVE IN-
PUT VOLTAGES
EXAMPLE DRIVERS
AN 969
SCI COMMUNICATION BETWEEN ST7 AND PC
AN 970
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
AN 971
I²C COMMUNICATION BETWEEN ST7 AND M24CXX EEPROM
AN 972
ST7 SOFTWARE SPI MASTER COMMUNICATION
AN 973
SCI SOFTWARE COMMUNICATION WITH A PC USING ST72251 16-BIT TIMER
AN 974
REAL TIME CLOCK WITH ST7 TIMER OUTPUT COMPARE
AN 976
DRIVING A BUZZER THROUGH ST7 TIMER PWM FUNCTION
AN 979
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
AN 980
ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
AN1017
USING THE ST7 UNIVERSAL SERIAL BUS MICROCONTROLLER
AN1041
USING ST7 PWM SIGNAL TO GENERATE ANALOG OUTPUT (SINUSOÏD)
AN1042
ST7 ROUTINE FOR I²C SLAVE MODE MANAGEMENT
AN1044
MULTIPLE INTERRUPT SOURCES MANAGEMENT FOR ST7 MCUS
AN1045
ST7 S/W IMPLEMENTATION OF I²C BUS MASTER
AN1046
UART EMULATION SOFTWARE
AN1047
MANAGING RECEPTION ERRORS WITH THE ST7 SCI PERIPHERALS
AN1048
ST7 SOFTWARE LCD DRIVER
AN1078
PWM DUTY CYCLE SWITCH IMPLEMENTING TRUE 0% & 100% DUTY CYCLE
AN1082
DESCRIPTION OF THE ST72141 MOTOR CONTROL PERIPHERALS REGISTERS
AN1083
ST72141 BLDC MOTOR CONTROL SOFTWARE AND FLOWCHART EXAMPLE
AN1105
ST7 PCAN PERIPHERAL DRIVER
AN1129
PWM MANAGEMENT FOR BLDC MOTOR DRIVES USING THE ST72141
AN1130
AN INTRODUCTION TO SENSORLESS BRUSHLESS DC MOTOR DRIVE APPLICATIONS
WITH THE ST72141
AN1148
USING THE ST7263 FOR DESIGNING A USB MOUSE
AN1149
HANDLING SUSPEND MODE ON A USB MOUSE
AN1180
USING THE ST7263 KIT TO IMPLEMENT A USB GAME PAD
AN1276
BLDC MOTOR START ROUTINE FOR THE ST72141 MICROCONTROLLER
AN1321
USING THE ST72141 MOTOR CONTROL MCU IN SENSOR MODE
AN1325
USING THE ST7 USB LOW-SPEED FIRMWARE V4.X
AN1445
EMULATED 16-BIT SLAVE SPI
AN1475
DEVELOPING AN ST7265X MASS STORAGE APPLICATION
AN1504
STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
AN1602
16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B ST7 USB MCUS
AN1633
DEVICE FIRMWARE UPGRADE (DFU) IMPLEMENTATION IN ST7 NON-USB APPLICATIONS
AN1712
GENERATING A HIGH RESOLUTION SINEWAVE USING ST7 PWMART
AN1713
SMBUS SLAVE DRIVER FOR ST7 I2C PERIPHERALS
AN1753
SOFTWARE UART USING 12-BIT ART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com